Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4178EUK-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4178EUK-T
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178EUK-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4178EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
_______________________________________________________________________________________
9
8
7
6
-2
1M
100M
1G
AND ISOLATION RESISTOR
1
0
-1
5
4
3
2
FREQUENCY (Hz)
10M
RISO = 20Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 3b. MAX4278 Small-Signal Gain vs. Frequency with
Capacitive Load and Isolation Resistor (RISO)
20
15
10
-30
1M
100M
1G
FREQUENCY WITH CAPACITIVE LOAD
-15
-20
-25
5
0
-5
-10
FREQUENCY (Hz)
10M
RISO = 0Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 2a. MAX4178 Small-Signal Gain vs. Frequency with
Capacitive Load
26
21
16
-24
1M
100M
1G
MAX4278 SMALL SIGNAL GAIN vs.
FREQUENCY WITH CAPACITIVE LOAD
-9
-14
-19
11
6
1
-4
FREQUENCY (Hz)
10M
RISO = 0Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 2b. MAX4278 Small-Signal Gain vs. Frequency with
Capacitive Load
2
1
0
-8
1M
100M
1G
AND ISOLATION RESISTOR
-5
-6
-7
-1
-2
-3
-4
FREQUENCY (Hz)
10M
RISO = 20Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 3a. MAX4178 Small-Signal Gain vs. Frequency with
Capacitive Load and Isolation Resistor (RISO)


Similar Part No. - MAX4178EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX417 MAXIM-MAX417 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX417 MAXIM-MAX417 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX417 MAXIM-MAX417 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4172ESA MAXIM-MAX4172ESA Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
More results

Similar Description - MAX4178EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com