Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4198ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rail-to-Rail Output Stage
The MAX4198/MAX4199 output stage incorporates a
common-source rail-to-rail structure which maximizes the
dynamic range of the differential amplifier. The output
can swing to within 100mV from each rail with a 5k
Ω load
to VCC / 2 (see Typical Operating Characteristics).
Shutdown Mode
The MAX4198/MAX4199 have an active-low shutdown
input. SHDN input logic thresholds are referenced to
VCC, not to GND. Pulling SHDN 2.5V below the positive
rail places the amplifiers in a 12µA (max) shutdown
mode. The MAX4198/MAX4199 exit or enter shutdown
in 35µs. In shutdown, the OUT pin is high-impedance.
Applications Information
Driving Capacitive Loads
The MAX4198/MAX4199 are relatively immune to oscilla-
tions caused when driving large capacitive loads.
Although heavy load capacitance increases transient ring-
ing, sustained oscillations typically don’t occur for loads
under 600pF (see Pulse Response with Capacitive Load
in the
Typical Operating Characteristics). Applications that
require driving higher capacitive loads can isolate the out-
put capacitance using a 15
Ω to 100Ω resistor between the
amplifier output and the load (Figure 1). Although adding
an isolation resistor dampens the response enough to pre-
vent oscillations, it does so at the expense of bandwidth
and DC accuracy.
Power Supply Considerations
The MAX4198/MAX4199 operate from single +2.7V to
+7.5V supplies or from dual ±1.35V to ±3.75V supplies,
and they consume only 45µA of supply current.
Excellent power-supply rejection permits the amplifiers
to be operated directly from a decaying 3V cell without
excessive error. To maximize AC performance, the sup-
ply must be bypassed with a 0.1µF ceramic capacitor
to ground that must be as close as possible to the pin.
If dual supplies are used, bypass both supply pins with
0.1µF to ground.
Application Circuits
Differential amplifiers can be used in single-ended and
other amplifier applications. Figures 2 through 6 show
the MAX4198/MAX4199 in different configurations. The
internally trimmed and matched resistors offer conven-
ience and have a distinct advantage over external
resistors. These amplifiers are not compensated for sin-
gle-ended unity gain; therefore, IN- should not be con-
nected to OUT or left unconnected.
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
10
______________________________________________________________________________________
MAX4198
MAX4199
RISO
FB
OUT
VEE
VCC
INPUT
IN+
IN-
REF
CL
RL
OUTPUT
Figure 1. Dual-Supply, Capacitive-Load Driving Circuit
MAX4198
MAX4199
FB
OUT
VEE
VCC
IN+
IN-
VA
VB
REF
VOUT
VOUT = (VB - VA)
(MAX4198)
VOUT = 10 (VB - VA)
(MAX4199)
Figure 2. Standard Difference Amplifier
MAX4198
MAX4199
FB
OUT
VEE
VCC
IN+
IN-
VA
REF
VOUT
VOUT = -VA (MAX4198)
VOUT = -10VA (MAX4199)
Figure 3. Precision Inverting Buffer


Similar Part No. - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198ESA MAXIM-MAX4198ESA Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198ESA MAXIM-MAX4198ESA Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
More results

Similar Description - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198-MAX4199 MAXIM-MAX4198-MAX4199 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198 MAXIM-MAX4198_04 Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com