Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4278ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4278ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4278ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4278ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4278ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VOUT = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Input Voltage....................................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration (to GND) .....................Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ...........727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
µMAX (derate 4.10mW/°C above +70°C) ...................330mW
CERDIP (derate 8.00mW/°C above +70°C) ................640mW
SOT23 (derate 7.10mW/°C above +70°C) ..................571mW
Operating Temperature Ranges (Note 1)
MAX4178E_A/MAX4278E_A ...........................-40°C to +85°C
MAX4178EUK/MAX4278EUK .........................-40°C to +85°C
MAX4178MJA/MAX4278MJA .......................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4178
±2.5
±3.0
MAX4278
V
±1.25
±1.5
VIN
Input Voltage Range
0.5
2.0
µV/°C
2
TCVOS
Input Offset Voltage Drift
1
3
µA
IB
Input Bias Current
M
1
RIN
Input Resistance
VS = ±4.5V to ±5.5V
dB
70
90
PSRR
Power-Supply Rejection
Ratio
0.990
1.000
MAX4178 (Note 2)
0.985
1.000
1.98
2.01
MAX4278 (Note 3)
V/V
1.97
2.01
AV
Voltage Gain
VOUT = ±1mV to ±2V
%
0.01
AV(LIN)
Gain Linearity
f = DC
0.1
ROUT
Output Resistance
Short to GND
mA
150
ISC
Short-Circuit Output Current
RL = 100Ω
±2.5
±3.0
TA = +25°C
RL = 100Ω
RL = 50Ω
RL = 100Ω
RL = 50Ω
RL = 50Ω
V
±2.0
±2.5
VOUT
Output Voltage Swing
TA = +25°C
8
10
12
mA
14
TA = TMIN to TMAX
ISY
Quiescent Supply Current
MAX4_78E_ _
MAX4_78MJA
TA = -40°C to +85°C
mA
70
100
IOUT
Minimum Output Current
3.0
TA = TMIN to TMAX
5
Note 2: Voltage Gain = (VOUT - VOS) / VIN measured at VIN = ±2.5V.
Note 3: Voltage Gain = (VOUT - VOS) / VIN measured at VIN = ±1.25V.
TA = +25°C
0.5
3.0
TA =
TMIN to TMAX
5.0
mV
VOS
Input Offset Voltage
MAX4_78ESA/EPA/EUA/MJA
MAX4_78EUK
MAX4_78ESA/EPA/EUA/MJA
MAX4_78EUK
Note 1: Specifications for the MAX4_78EUK(SOT23 packages) are 100% tested at TA = +25°C, and guaranteed by design over
temperature.


Similar Part No. - MAX4278ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4278EVKIT MAXIM-MAX4278EVKIT Datasheet
48Kb / 4P
   Fully Assembled and Tested
1997
MAX4278EVKIT-SO MAXIM-MAX4278EVKIT-SO Datasheet
48Kb / 4P
   Fully Assembled and Tested
1997
More results

Similar Description - MAX4278ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com