Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4184ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
11
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
-30
-100
0.1
1
100
MAX4180 HARMONIC DISTORTION
vs. FREQUENCY (DUAL SUPPLIES)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
3RD (RL = 1kΩ)
2ND (RL = 1kΩ)
2ND (RL = 150Ω)
3RD (RL = 150Ω)
3.4
3.2
2.8
2.4
2.0
1.6
1.4
100
1M
1k
10k
100k
10M 100M
1G
VOLTAGE-NOISE DENSITY
vs. FREQUENCY (INPUT REFERRED)
1.8
FREQUENCY (Hz)
2.2
2.6
3.0
45
35
25
15
5
0
100
1M
1k
10k
100k
10M 100M
1G
TOTAL VOLTAGE-NOISE DENSITY
vs. FREQUENCY (INPUT REFERRED)
10
FREQUENCY (Hz)
20
30
40
1.2k
1.2k
VIN
VOUT
-30
0.1
1
100
MAX4181 HARMONIC DISTORTION
vs. FREQUENCY (DUAL SUPPLIES)
-80
-100
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 150Ω)
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
-30
0.1
1
100
MAX4180 HARMONIC DISTORTION
vs. FREQUENCY (SINGLE SUPPLY)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 150Ω)
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
-30
0.1
1
100
MAX4181 HARMONIC DISTORTION
vs. FREQUENCY (SINGLE SUPPLY)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
2ND (RL = 150Ω)
0.75
1.00
1.25
95
125
155
140
110
-60
-20
0
-40
20
40
60
80
100
SUPPLY CURRENT
(OPERATING & SHUTDOWN)
vs. TEMPERATURE
MA4180 TOC21
TEMPERATURE (°C)
SHUTDOWN SUPPLY CURRENT
SUPPLY CURRENT
20
25
35
30
40
45
10
20
25
15
30
35
40
45
50
TWO-TONE THIRD-ORDER INTERCEPT
vs. FREQUENCY
FREQUENCY (MHz)
MAX4181
MAX4180
f2 = f1 + 0.1MHz
-5
-3
5
3
1
-1
-60
-20
0
-40
20
40
60
80
100
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 150Ω
RL = 150Ω
RL = 1kΩ
RL = 1kΩ


Similar Part No. - MAX4184ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX418 MAXIM-MAX418 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX418 MAXIM-MAX418 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX418 MAXIM-MAX418 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results

Similar Description - MAX4184ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com