Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4240 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4240
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4240 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4240 Datasheet HTML 1Page - Maxim Integrated Products MAX4240 Datasheet HTML 2Page - Maxim Integrated Products MAX4240 Datasheet HTML 3Page - Maxim Integrated Products MAX4240 Datasheet HTML 4Page - Maxim Integrated Products MAX4240 Datasheet HTML 5Page - Maxim Integrated Products MAX4240 Datasheet HTML 6Page - Maxim Integrated Products MAX4240 Datasheet HTML 7Page - Maxim Integrated Products MAX4240 Datasheet HTML 8Page - Maxim Integrated Products MAX4240 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
4
_______________________________________________________________________________________
Enable Time from
Shutdown
tENABLE
150
Input Voltage Noise
Density
en
70
nV/
√Hz
Input Current Noise
Density
in
0.05
pA/
√Hz
Capacitive-Load
Stability
200
pF
Shutdown Time
tSHDN
50
µs
µs
Power-Up Time
tON
200
µs
Input Capacitance
CIN
3
pF
f = 1kHz
f = 1kHz
AVCL = +1V/V, no sustained oscillations
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Total Harmonic
Distortion
THD
0.05
%
Settling Time to 0.01%
tS
CONDITIONS
50
µs
fIN = 1kHz, VCC = 5.0V, VOUT = 2Vp-p, AV = +1V/V
AV = +1V/V, VCC = 5.0V, VOUT = 2VSTEP
ELECTRICAL CHARACTERISTICS — TA = +25°C (continued)
(VCC = +1.8V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC / 2, RL = 100kΩ tied to VCC / 2, SHDN = VCC, TA = +25°C, unless
otherwise noted.) (Note 1)
ELECTRICAL CHARACTERISTICS — TA = TMIN to TMAX
(VCC = +1.8V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC / 2, RL = 100kΩ tied to VCC / 2, SHDN = VCC, TA = TMIN to TMAX, unless oth-
erwise noted.) (Note 1)
SHDN = VCC
±1.2
Inferred from PSRR test
Inferred from the CMRR test
(Note 3)
CONDITIONS
MAX4241ESA
(VEE - 0.2V) ≤ VCM
(VCC + 0.2V)
mV
VOS
Input Offset Voltage
µA
19
ICC
SHDN = VEE
14
V
1.8
5.5
VCC
Supply-Voltage Range
Supply Current
per Amplifier
V
-0.2
VCC + 0.2
VCM
Input Common-Mode
Voltage Range
µV/°C
2
TCVOS
Input Offset Voltage
Drift
nA
±7
IOS
Input Offset Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
3.5
ICC(SHDN)
2.0
Shutdown Supply
Current (Note 2)
VCC = 1.8V
VCC = 5.0V
VCC = 1.8V
VCC = 5.0V
(Note 3)
nA
±15
IB
Input Bias Current
±1.3
MAX4242ESA/MAX4243ESD/
MAX4244ESD
±2.0
MAX4240EUK/MAX424_EUA/
MAX4243EUB


Similar Part No. - MAX4240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLA++ AD-MAX42402AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLB++ AD-MAX42402AFLB+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403 AD-MAX42403 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403AFLA++ AD-MAX42403AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results

Similar Description - MAX4240

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com