Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFE9220 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFE9220
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE9220 Datasheet(HTML) 2 Page - International Rectifier

  IRFE9220 Datasheet HTML 1Page - International Rectifier IRFE9220 Datasheet HTML 2Page - International Rectifier IRFE9220 Datasheet HTML 3Page - International Rectifier IRFE9220 Datasheet HTML 4Page - International Rectifier IRFE9220 Datasheet HTML 5Page - International Rectifier IRFE9220 Datasheet HTML 6Page - International Rectifier IRFE9220 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE9220
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
9.1
RthJ-PCB
Junction to PC Board
26"""
Soldered to a copper clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-2.1
ISM
Pulse Source Current (Body Diode) ➀
-8.4
VSD
Diode Forward Voltage
-4.8
V
Tj = 25°C, IS = -2.1A, VGS = 0V ➃
trr
Reverse Recovery Time
3 0 0
nS
Tj = 25°C, IF = -2.1A, di/dt ≤-100A/µs
QRR
Reverse Recovery Charge
3.0
µc
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.22
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.5
VGS = -10V, ID = -1.5A➃
Resistance
1.725
VGS = -10V, ID = -2.1A ➃
VGS(th)
Gate Threshold Voltage
-2.0
- 4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.0
S ( )
VDS > -15V, IDS =-1.5A➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -160V, VGS= 0V
-250
VDS =-160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
1 0 0
VGS =20V
Qg
Total Gate Charge
1 5
VGS =-10V, ID= -2.1A
Qgs
Gate-to-Source Charge
3.2
nC
VDS =-100V
Qgd
Gate-to-Drain (‘Miller’) Charge
8.4
td(on)
Turn-On Delay Time
5 0
VDD =-100V, ID = -2.1A,
t r
Rise Time
7 0
RG =7.5Ω
td(off)
Turn-Off Delay Time
4 0
tf
Fall Time
5 0
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
3 3 0
VGS = 0V, VDS = -25V
Coss
Output Capacitance
1 0 0
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
3 3
nA
nH
ns
µA
Measured from the center of
drain pad to center of source
pad


Similar Part No. - IRFE9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE9220 IRF-IRFE9220 Datasheet
137Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - IRFE9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com