Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4242EUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4242EUA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4242EUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4242EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 12Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 13Page - Maxim Integrated Products MAX4242EUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
10
______________________________________________________________________________________
_______________Detailed Description
Beyond-the-Rails Input Stage
The MAX4240–MAX4244 have Beyond-the-Rails™ inputs
and Rail-to-Rail® output stages that are specifically
designed for low-voltage, single-supply operation. The
input stage consists of separate NPN and PNP differen-
tial stages, which operate together to provide a com-
mon-mode range extending to 200mV beyond both
supply rails. The crossover region of these two pairs
occurs halfway between VCC and VEE. The input offset
voltage is typically 200µV. Low operating supply voltage,
low supply current, beyond-the-rails common-mode
input range, and rail-to-rail outputs make this family of
operational amplifiers an excellent choice for precision or
general-purpose, low-voltage battery-powered systems.
Since the input stage consists of NPN and PNP pairs,
the input bias current changes polarity as the common-
mode voltage passes through the crossover region.
Match the effective impedance seen by each input to
reduce the offset error caused by input bias currents
flowing through external source impedances (Figures
1a and 1b). The combination of high source impedance
plus input capacitance (amplifier input capacitance
plus stray capacitance) creates a parasitic pole that
produces an underdamped signal response. Reducing
input capacitance or placing a small capacitor across
the feedback resistor improves response in this case.
The MAX4240–MAX4244 family’s inputs are protected
from large differential input voltages by internal 2.2k
series resistors and back-to-back triple-diode stacks
across the inputs (Figure 2). For differential input volt-
ages (much less than 1.8V), input resistance is typically
45M
Ω. For differential input voltages greater than 1.8V,
input resistance is around 4.4k
Ω, and the input bias
current can be approximated by the following equation:
IBIAS = (VDIFF - 1.8V) / 4.4k
R3
VIN
R3 = R1
R2
R1
R2
MAX4240
MAX4241
MAX4242
MAX4243
MAX4244
Figure 1a. Minimizing Offset Error Due to Input Bias Current
(Noninverting)
R3
R3 = R1
R2
R1
R2
MAX4240
MAX4241
MAX4242
MAX4243
MAX4244
VIN
Figure 1b. Minimizing Offset Error Due to Input Bias Current
(Inverting)
2.2k
2.2k
IN-
IN+
Figure 2. Input Protection Circuit


Similar Part No. - MAX4242EUA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLA++ AD-MAX42402AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLB++ AD-MAX42402AFLB+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403 AD-MAX42403 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403AFLA++ AD-MAX42403AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results

Similar Description - MAX4242EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com