Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4285 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4285
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4285 Datasheet HTML 7Page - Maxim Integrated Products MAX4285 Datasheet HTML 8Page - Maxim Integrated Products MAX4285 Datasheet HTML 9Page - Maxim Integrated Products MAX4285 Datasheet HTML 10Page - Maxim Integrated Products MAX4285 Datasheet HTML 11Page - Maxim Integrated Products MAX4285 Datasheet HTML 12Page - Maxim Integrated Products MAX4285 Datasheet HTML 13Page - Maxim Integrated Products MAX4285 Datasheet HTML 14Page - Maxim Integrated Products MAX4285 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
______________________________________________________________________________________
11
Pin Description
14-PIN
SO
10-PIN
µMAX
8-PIN
SO
6-PIN
SOT23-6
8-PIN
µMAX/SO
Amplifier B Inverting Input
Amplifier B Noninverting Input
Amplifier B Output
12
11
13
8
7
9
6
INB-
5
INB+
7
OUTB
FUNCTION
Not Internally Connected. Connect to
ground or leave unconnected.
Amplifier Output
Negative Power Supply, or Ground in
Single-Supply Operation
Disable Amplifier A (active low)
Disable (active low)
Inverting Input
Noninverting Input
Amplifier A Noninverting Input
Amplifier A Inverting Input
Amplifier A Output
Positive Power Supply
Disable Amplifier B (active low)
5, 7, 8, 10
4
6
3
2
1
14
9
4
5
3
2
1
10
6
1, 5
6
4
8
2
3
7
NAME
N.C.
1
OUT
2
4
VEE
DISABLEA
5
DISABLE
4
IN-
3
IN+
3
INA+
2
INA-
1
OUTA
6
8
VCC
DISABLEB
Detailed Description
The MAX4285–MAX4288 and MAX4387/MAX4388 are
voltage-feedback op amps, intended for use as ADC
input buffers. They operate from a single +2.85V to
+6.5V supply or dual ±1.425V to ±3.25V supplies. Their
high output drive, wide bandwidth, fast settling, low
noise, and low distortion make them ideal for the brutal
task of meeting the dynamic input drive requirements of
high-speed ADCs or other demanding applications.
The MAX4285/MAX4286/MAX4288 and MAX4388 have
a high-speed disable mode that places the outputs in a
high-impedance state and lowers operating supply cur-
rent to 1mA. The enable time is typically 40ns, and the
disable time is typically 50ns. The MAX4285/MAX4286
have a single enable pin (DISABLE), and the MAX4288/
MAX4388 have dual disable pins (DISABLEA, DISA-
BLEB).
The MAX4285/MAX4287/MAX4288 are internally com-
pensated for unity-gain stability. The MAX4286/
MAX4387/MAX4388 are compensated for gains of
+5V/V or greater.
Applications Information
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values considering the following criteria: large
resistor values increase voltage noise and interact with
the amplifier’s input and PC board capacitance to
effect system bandwidth. This generates undesirable
poles and zeros that decrease bandwidth or cause
oscillations.
PIN
MAX4285
MAX4286
MAX4287
MAX4387
MAX4288
MAX4388


Similar Part No. - MAX4285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX4285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Maxim Integrated Produc...
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com