Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4251 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4251
Description  SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4251 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4251 Datasheet HTML 5Page - Maxim Integrated Products MAX4251 Datasheet HTML 6Page - Maxim Integrated Products MAX4251 Datasheet HTML 7Page - Maxim Integrated Products MAX4251 Datasheet HTML 8Page - Maxim Integrated Products MAX4251 Datasheet HTML 9Page - Maxim Integrated Products MAX4251 Datasheet HTML 10Page - Maxim Integrated Products MAX4251 Datasheet HTML 11Page - Maxim Integrated Products MAX4251 Datasheet HTML 12Page - Maxim Integrated Products MAX4251 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
For gains
≥10V/V, the decompensated devices
(MAX4249/MAX4255/MAX4256/MAX4257) deliver the
best distortion performance, since they have a higher
slew rate and provide a higher amount of loop gain for
a given closed-loop gain setting. Capacitive loads
below 400pF do not significantly affect distortion
results. Distortion performance remains relatively con-
stant over supply voltages.
Low Noise
The amplifier’s input-referred noise voltage density is
dominated by flicker noise at lower frequencies, and by
thermal noise at higher frequencies. Because the ther-
mal noise contribution is affected by the parallel combi-
nation of the feedback resistive network (RF
RG,
Figure 1), these resistors should be reduced in cases
where the system bandwidth is large and thermal noise
is dominant. This noise-contribution factor decreases,
however, with increasing gain settings.
For example, the input noise voltage density of the cir-
cuit with RF = 100k
Ω, RG = 11kΩ (AV = 10V/V) is
en = 15nV/√Hz. en can be reduced to 9nV/√Hz by
choosing RF = 10k
Ω, RG = 1.1kΩ (AV = 10V/V), at the
expense of greater current consumption and potentially
higher distortion. For a gain of 100V/V with RF = 100k
Ω,
RG = 1.1k
Ω, the en is low (9nV/√Hz).
Using a Feed-Forward
Compensation Capacitor, CZ
The amplifier’s input capacitance is 11pF. If the resis-
tance seen by the inverting input is large (feedback
network), this can introduce a pole within the amplifier’s
bandwidth, resulting in reduced phase margin.
Compensate the reduced phase margin by introducing
a feed-forward capacitor (CZ) between the inverting
input and the output (Figure 1). This effectively cancels
the pole from the inverting input of the amplifier.
Choose the value of CZ as follows:
CZ
≈ 11 x (RF / RG) [pF]
In the unity-gain-stable MAX4250–MAX4254, the use
of a proper CZ is most important for AV = +2V/V, and
AV = -1V/V. In the decompensated MAX4249/
MAX4255/MAX4256/MAX4257, CZ is most important for
AV = ±10V/V. Figures 2a and 2b show transient
response both with and without CZ.
Using a slightly smaller CZ than suggested by the for-
mula above achieves a higher bandwidth at the
expense of reduced phase and gain margin. As a gen-
eral guideline, consider using CZ for cases where
RG
RF is greater than 20kΩ (MAX4250–MAX4254) or
greater than 5k
Ω (MAX4249/MAX4255/MAX4256/
MAX4257).
SOT23, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
_______________________________________________________________________________________
9
CZ
RF
VOUT
VIN
RG
VOUT
(100mV/
div)
0mV
100mV
VIN
(50mV/
div)
2
µs/div
AV = +2
RF = RG = 100kΩ
Figure 1. Adding Feed-Forward Compensation
Figure 2a. Pulse Response with No Feed-Forward
Compensation
100mV/
div
VIN
0mV
100mV
VOUT
50mV/
div
2
µs/div
AV = +2
RF = RG = 100kΩ
CZ = 11pF
Figure 2b. Pulse Response with 10pF Feed-Forward
Compensation


Similar Part No. - MAX4251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4251 MAXIM-MAX4251 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4251 MAXIM-MAX4251 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4251ESA++ MAXIM-MAX4251ESA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4251EUA++ MAXIM-MAX4251EUA+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4251

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com