Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4237BESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4237BESA
Description  SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4237BESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4237BESA Datasheet HTML 6Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 7Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 8Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 9Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 10Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 11Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 12Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 13Page - Maxim Integrated Products MAX4237BESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SOT23, Very High Precision, 3V/5V
Rail-To-Rail Op Amps
______________________________________________________________________________________
11
Detailed Description
The MAX4236/MAX4237 are high-precision op amps
with a CMOS input stage and an excellent set of DC
and AC features. The combination of tight maximum
voltage offset, low offset tempco and very low input
current make them ideal for use in high-precision DC
circuits. They feature low-voltage operation, low-power
consumption, high-current drive with rail-to-rail output
swing and high-gain bandwidth product.
High Accuracy
The MAX4236/MAX4237 maximum input offset voltage
is 20µV (5µV, typ) for grade A version and 50µV for
grade B version at +25°C. The maximum temperature
coefficient of the offset voltage for grade A and B are
guaranteed to be 2µV/°C and 4.5µV/°C respectively.
The parts have an input bias current of 1pA. Noise
characteristics are 14nV/
√Hz, and a low frequency
noise (0.1Hz to 10Hz) of 0.2µVp-p. The CMRR is
102dB, and the PSRR is 120dB. The combination is
what is necessary for the design of circuits to process
signals while keeping high signal-to-noise ratios, as in
stages preceding high-resolution converters, or when
they are produced by sensors or transducers generat-
ing very small outputs.
Rail-to-Rail Outputs, Ground-Sensing Input
The input common-mode range extends from (VEE -
0.15V) to (VCC - 1.2V) with excellent common-mode
rejection. Beyond this range, the amplifier output is a
nonlinear function of the input, but does not undergo
phase reversal or latch-up (see Typical Operating
Characteristics).
The output swings to within 150mV of the power-supply
rails with a 1k
Ω load. The input ground sensing and the
rail-to-rail output substantially increase the dynamic
range.
Power-Up and Shutdown Mode
The MAX4236/MAX4237 have a shutdown option.
When the shutdown pin (SHDN) is pulled low, the sup-
ply current drops to 0.1µA, and the amplifiers are dis-
abled with the output in a high-impedance state. Pulling
SHDN high enables the amplifiers. The turn-on time for
the amplifiers to come out of shutdown is 4µs.
Applications Information
As described above, the characteristics of the
MAX4236/MAX4237 are excellent for high-precision/
accuracy circuitry, and the high impedance, low-cur-
rent, low-offset, and noise specifications are very
attractive for piezoelectric transducers applications. In
these applications, the sensors generate an amount of
electric charge proportional to the changes in the
mechanical stress applied to them. These charges are
transformed into a voltage proportional to the applied
force by injecting them into a capacitance and then
amplifying the resulting voltage. The voltage is an
inverse function of the capacitance into which the
charges generated by the transducer/ sensor are
injected. This capacitance and the resistance that dis-
charges it, define the low-frequency response of the
circuit. It is desirable, once the preferred low-frequency
response is known, to maintain the capacitance as low
as possible, because the amount of necessary
upstream amplification (and the signal-to-noise ratio
deterioration) is directly proportional to the capacitance
value. The MAX4236/MAX4237 high-impedance, low-
Pin Description
PIN
SOT23
SO/µMAX
NAME
FUNCTION
1
6
OUT
Amplifier Output
24
VEE
Negative Power Supply. Bypass with a 0.1
µF capacitor to ground. Connect to GND
for single-supply operation.
3
3
IN+
Noninverting Amplifier Input
4
2
IN-
Inverting Amplifier Input
58
SHDN
Shutdown Input. Do not leave floating. Connect to VCC for normal operation or GND
to enter the shutdown mode.
67
VCC
Positive Supply Input. Bypass with a 0.1
µF capacitor to ground.
1, 5
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX4237BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX423 MAXIM-MAX423 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results

Similar Description - MAX4237BESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com