Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4273ESE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4273ESE
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4273ESE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4273ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 11Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 12Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VIN = 5V, RSENSE = 100m
Ω, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
CBOARD = 0, RSENSE = 100m
Ω,
CGATE = 0, RS = 0
ILOAD
1A/div
VOUT
2V/div
VGATE
2V/div
0
50
µs/div
TURN-OFF TIME (CBOARD = 0)
MAX4271/3-37
ON
0
Pin Description
CBOARD = 0, RSENSE = 100m
Ω,
CTIM = 10nF, CGATE = 0
VOUT
2V/div
VGATE
2V/div
ON
100
µs/div
STARTUP TIME (CBOARD = 0)
MAX4271/3-35
PIN
MAX4271
MAX4272
MAX4273
NAME
FUNCTION
1
RTH
Current-Sense Threshold Setting Input. Connect a resistor from RTH to VIN to set the
fast comparator threshold. Bypass to VIN with 0.1
µF. Connect RTH to VIN to disable
both the fast comparator and current regulation at startup. Short RTH to GND for a
200mV threshold. See Fast Comparator Threshold section.
2
AUXVCC
Auxiliary Supply Input. Supply input for short-circuit switchover. To use this, connect a
1
µF capacitor from AUXVCC to GND; otherwise, leave floating. See Auxiliary VCC
section.
13
IN
Input Voltage. Connect to +2.7V to +13.2V supply; 15V absolute maximum voltage
rating.
2
4
SENSE
Current-Sense Resistor Voltage Input. RSENSE is connected from IN to SENSE.
3
5
GATE
Gate Drive Output. Connect to gate of external N-channel pass transistor.
6
CEXT
External Gate Capacitance Connection. Connect a capacitor from CEXT to GATE to
increase the gate charging time. This pin goes high impedance during a fast
comparator fault for fast discharge.
7
LLMON
Load Line Monitor. Connect to the source of the external N-channel MOSFET. The
external FET is turned on only when the load voltage is less than 100mV.
4
8
GND
Ground
9
CTON
Startup Timer Input. Leave floating or connect the timing capacitor from CTON to GND.
See Startup and Retry Timers section.
5
10
CSPD
Slow Comparator Speed Setting. Leave floating or connect the timing capacitor from
CSPD to GND. See Slow Comparator Response Time section.


Similar Part No. - MAX4273ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4273ESE MAXIM-MAX4273ESE Datasheet
408Kb / 26P
   3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Rev 2; 12/07
More results

Similar Description - MAX4273ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4271 MAXIM-MAX4271_07 Datasheet
408Kb / 26P
   3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Rev 2; 12/07
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
   12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
   12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
   12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com