Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4289ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4289ESA
Description  1.0V Micropower, SOT23, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4289ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4289ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.0V Micropower, SOT23, Operational Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3V, VCM = 0, RL to VCC/2, TA = +25°C, unless otherwise noted.)
4
6
5
8
7
9
10
-40
20
40
-20
0
60
80
100
INPUT BIAS CURENT
vs. TEMPERATURE
TEMPERATURE (
°C)
30
20
10
0
-10
0
1.5
0.5
1.0
2.0
2.5
3.0
INPUT BIAS CURRENT
vs. INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
0
6
4
2
10
8
18
16
14
12
20
-40
-20
0
20
40
60
80
100
OUTPUT SWING HIGH
vs. TEMPERATURE
TEMPERATURE (
°C)
RL CONNECTED TO GND
RL = 5k
RL = 100k
0
6
4
2
10
8
18
16
14
12
20
-40
-20
0
20
40
60
80
100
OUTPUT SWING LOW
vs. TEMPERATURE
TEMPERATURE (
°C)
RL CONNECTED TO VCC
RL = 5k
RL = 100k
30
50
90
70
110
130
0
100
50
150
200
250
300
OPEN-LOOP GAIN
vs. OUTPUT SWING LOW
VOUT FROM GND (mV)
RL = 5k
RL = 100k
30
50
90
70
110
130
0
100
50
150
200
250
300
OPEN-LOOP GAIN
vs. OUTPUT SWING HIGH
VOUT FROM VCC (mV)
RL = 5k
RL = 100k
60
80
70
100
90
110
120
-40
20
40
-20
0
60
80
100
OPEN-LOOP GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 5k
RL = 100k
RL CONNECTED TO GND
60
80
70
100
90
110
120
-40
20
40
-20
0
60
80
100
OPEN-LOOP GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 5k
RL = 100k
RL CONNECTED TO VCC
80
-20
0.01
0.1
1
10
100
GAIN AND PHASE vs. FREQUENCY
(CL = 0)
0
MAX4289 toc12
FREQUENCY (kHz)
20
40
60
50
30
10
-10
70
180
-20
20
60
100
140
120
80
40
0
160
GAIN
PHASE


Similar Part No. - MAX4289ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX4289ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100_07 Datasheet
192Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 1; 1/07
MAX9100 MAXIM-MAX9100 Datasheet
267Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 0; 10/00
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
logo
Analog Devices
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com