Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4254 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4254
Description  SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4254 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4254 Datasheet HTML 4Page - Maxim Integrated Products MAX4254 Datasheet HTML 5Page - Maxim Integrated Products MAX4254 Datasheet HTML 6Page - Maxim Integrated Products MAX4254 Datasheet HTML 7Page - Maxim Integrated Products MAX4254 Datasheet HTML 8Page - Maxim Integrated Products MAX4254 Datasheet HTML 9Page - Maxim Integrated Products MAX4254 Datasheet HTML 10Page - Maxim Integrated Products MAX4254 Datasheet HTML 11Page - Maxim Integrated Products MAX4254 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
_______________Detailed Description
The MAX4249–MAX4257 single-supply operational
amplifiers feature ultra-low noise and distortion while
consuming very little power. Their low distortion and
low noise make them ideal for use as preamplifiers in
wide dynamic-range applications, such as 16-bit ana-
log-to-digital converters (see
Typical Operating Circuit).
Their high input impedance and low noise are also use-
ful for signal conditioning of high-impedance sources,
such as piezoelectric transducers.
These devices have true rail-to-rail output operation,
drive loads as low as 1k
Ω while maintaining DC accura-
cy, and can drive capacitive loads up to 400pF without
oscillation. The input common-mode voltage range
extends from VDD - 1.1V to 200mV beyond the negative
rail. The push/pull output stage maintains excellent DC
characteristics, while delivering up to ±5mA of current.
The MAX4250–MAX4254 are unity-gain stable, whereas
the MAX4249/MAX4255/MAX4256/MAX4257 have a
higher slew rate and are stable for gains
≥10V/V. The
MAX4249/ MAX4251/MAX4253/MAX4256 feature a low-
power shutdown mode, which reduces the supply cur-
rent to 0.5µA and disables the outputs.
Low Distortion
Many factors can affect the noise and distortion that the
device contributes to the input signal. The following
guidelines offer valuable information on the impact of
design choices on Total Harmonic Distortion (THD).
Choosing proper feedback and gain resistor values for
a particular application can be a very important factor
in reducing THD. In general, the smaller the closed-
loop gain, the smaller the THD generated, especially
when driving heavy resistive loads. Large-value feed-
back resistors can significantly improve distortion. The
THD of the part normally increases at approximately
20dB per decade, as a function of frequency.
Operating the device near or above the full-power
bandwidth significantly degrades distortion.
Referencing the load to either supply also improves the
part’s distortion performance, because only one of the
MOSFETs of the push/pull output stage drives the out-
put. Referencing the load to mid-supply increases the
part’s distortion for a given load and feedback setting.
(See the Total Harmonic Distortion vs. Frequency graph
in the
Typical Operating Characteristics.)
SOT23, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
Pin Description
Amplifier Output
6
1
1, 9
1, 7
1, 7, 8, 14
1, 13
OUT, OUTA,
OUTB, OUTC,
OUTD
3, 7
3, 5
3, 5, 10, 12
3, 11
IN+, INA+, INB+,
INC+, IND+
Noninverting Amplifier Input
3
3
4
4
11
4
VSS
Negative Supply. Connect
to ground for single-supply
operation.
4
2
2, 8
2, 6
2, 6, 9, 13
2, 12
IN-, INA-, INB-,
INC-, IND-
5, 6
6, 9
SHDN,
SHDNA,
SHDNB
Shutdown Input. Connect to
VDD or leave unconnected for
normal operation (amplifier(s)
enabled).
8
10
8
Inverting Amplifier Input
2
4
4
14
VDD
Positive Supply
7
5
5, 7, 8, 10
N.C.
No Connection. Not internally
connected.
1, 5
PIN
MAX4249/MAX4253
MAX4252
MAX4257
10 µMAX
14 SO
MAX4254
MAX4250
MAX4255
MAX4251
MAX4256
14 SO
8 µMAX/SO
5 SOT23
NAME
FUNCTION


Similar Part No. - MAX4254

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4254 MAXIM-MAX4254 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4254 MAXIM-MAX4254 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4254ESD++ MAXIM-MAX4254ESD+ Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4254

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com