Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4291EXK-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4291EXK-T
Description  Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4291EXK-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4291EXK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 11Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 12Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 13Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 14Page - Maxim Integrated Products MAX4291EXK-T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Driving Capacitive Loads
The MAX4291/MAX4292/MAX4294 are unity-gain stable
for loads up to 100pF (see the Load Resistor vs.
Capacitive Load graph in the Typical Operating
Characteristics). Applications that require greater
capacitive drive capability should use an isolation
resistor between the output and the capacitive load
(Figure 7). Note that this alternative results in a loss of
gain accuracy because RISO forms a voltage divider
with the load resistor.
Power-Supply Bypassing and Layout
The MAX4291/MAX4292/MAX4294 family operates from
either a single +1.8V to +5.5V supply or dual ±0.9V to
±2.75V supplies. For single-supply operation, bypass
the power supply with a 100nF capacitor to VEE (in this
case GND). For dual-supply operation, both the VCC
and the VEE supplies should be bypassed to ground
with separate 100nF capacitors.
Good PC board layout techniques optimize perfor-
mance by decreasing the amount of stray capacitance
at the op amp’s inputs and output. To decrease stray
capacitance, minimize trace lengths and widths by
placing external components as close as possible to
the op amp. Surface-mount components are an excel-
lent choice.
Using the MAX4291/MAX4292/MAX4294
as Comparators
Although optimized for use as operational amplifiers,
the MAX4291/MAX4292/MAX4294 can also be used as
rail-to-rail I/O comparators. Typical propagation delay
depends on the input overdrive voltage, as shown in
Figure 8. External hysteresis can be used to minimize
the risk of output oscillation. The positive feedback cir-
cuit, shown in Figure 9, causes the input threshold to
change when the output voltage changes state. The
two thresholds create a hysteresis band that can be
calculated by the following equations:
When the output of the comparator is low, the supply
current increases. The output stage has biasing circuit-
ry to monitor the output current. When the amplifier is
Ultra-Small, +1.8V, µPower,
Rail-to-Rail I/O Op Amps
______________________________________________________________________________________
11
RISO
CL
RL
MAX4240
MAX4241
MAX4242
MAX4243
MAX4244
AV =
RL
≈ 1
RL + RISO
OUT
IN
Figure 7a. Using a Resistor to Isolate a Capacitive Load from
the Op Amp
OUT
IN
0
100mV
0
100mV
10
µs/div
VCC = +2.4V, RL = 2k
Ω TO VEE, CL = 1000pF
Figure 7b. Pulse Response Without Isolating Resistor
OUT
IN
0
100mV
0
100mV
10
µs/div
VCC = +2.4V, RL = 2k
Ω TO VEE, CL = 1000pF, RISO = 100Ω
Figure 7c. Pulse Response with Isolating Resistor (100
Ω)
V
V
V
V
1
R1
R2
R1
R
V
V
V
R1
R
V
HYST
HI
LO
HI
HYST
REF
LO
HI
HYST
CC
=−
=+
+
=−




Similar Part No. - MAX4291EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX4295 MAXIM-MAX4295 Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
MAX4295EEE MAXIM-MAX4295EEE Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX4295EEE MAXIM-MAX4295EEE Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
MAX4295ESE MAXIM-MAX4295ESE Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
More results

Similar Description - MAX4291EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com