Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4310 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4310
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4310 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4310 Datasheet HTML 1Page - Maxim Integrated Products MAX4310 Datasheet HTML 2Page - Maxim Integrated Products MAX4310 Datasheet HTML 3Page - Maxim Integrated Products MAX4310 Datasheet HTML 4Page - Maxim Integrated Products MAX4310 Datasheet HTML 5Page - Maxim Integrated Products MAX4310 Datasheet HTML 6Page - Maxim Integrated Products MAX4310 Datasheet HTML 7Page - Maxim Integrated Products MAX4310 Datasheet HTML 8Page - Maxim Integrated Products MAX4310 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V; VEE = 0; SHDN ≥ 4V; RL = 150Ω; VCM = 1.5V; AVCL = +1V/V (MAX4310/MAX4311/MAX4312), AVCL = +2V/V
(MAX4313/MAX4314/MAX4315); TA = +25°C; unless otherwise noted.)
CONDITIONS
CONDITIONS
-85
110
90
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT = 2Vp-p
FPBW
Full-Power Bandwidth
f = 1MHz,
VOUT = 2Vp-p
dBc
-76
Second Harmonic Distortion
MAX4313/MAX4314/MAX4315
-88
MAX4310/MAX4311/MAX4312
f = 1MHz,
VOUT = 2Vp-p
dBc
-95
Third Harmonic Distortion
MAX4313/MAX4314/MAX4315
-83
MAX4310/MAX4311/MAX4312
f = 1MHz,
VOUT = 2Vp-p
dB
-76
THD
Total Harmonic Distortion
VOUT = 2Vp-p
MAX4310/
MAX4311/
MAX4312
dBc
-47
SFDR
Spurious-Free Dynamic
Range
-95
-47
-72
-89
-80
MAX4310
MAX4311
100
MAX4312
MAX4313
MHz
40
80
MAX4314
MAX4315
70
MAX4313/MAX4314/MAX4315
0.03
RL = 150Ω to
VCC/2
DG
degrees
%
MAX4310/MAX4311/MAX4312
MAX4313/MAX4314/MAX4315
MAX4310/MAX4311/MAX4312
0.09
0.08
RL = 150Ω to
VCC/2
AVCL = +1V/V,
RL = 150Ω to
VCC/2
DG
Differential Gain Error
0.06
MAX4310/MAX4311/MAX4312
MAX4313/MAX4314/MAX4315
25
VOUT = 2V step
tS
Settling Time to 0.1%
ns
42
Matching between channels over
-3dB bandwidth
Gain Matching
dB
0.05
MAX4313/
MAX4314/
MAX4315
MAX4310/MAX4311/MAX4312
MAX4313/MAX4314/MAX4315
f = 3kHz
f = 2MHz
f = 20MHz
f = 3kHz
f = 2MHz
f = 20MHz
UNIT
460
430
VOUT = 2Vp-p
SR
Slew Rate
MAX4310
MAX4311
430
MAX4312
MAX4313
V/µs
540
345
MAX4314
MAX4315
310
Differential Phase Error
AVCL = +1V/V,
RL = 150Ω to
VCC/2


Similar Part No. - MAX4310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4310 MAXIM-MAX4310 Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
   High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
More results

Similar Description - MAX4310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4310ESA MAXIM-MAX4310ESA Datasheet
305Kb / 18P
   High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers
Rev 3; 3/08
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
[Old version datasheet]   Multichannel, Low-Power, High-Speed ADC
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com