Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC8G22LS-450AV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLC8G22LS-450AV
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC8G22LS-450AV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLC8G22LS-450AV_15 Datasheet HTML 2Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 3Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 4Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 5Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 6Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 7Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 8Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 9Page - NXP Semiconductors BLC8G22LS-450AV_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BLC8G22LS-450AV
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 2 June 2015
6 of 15
NXP Semiconductors
BLC8G22LS-450AV
Power LDMOS transistor
[1]
ZS and ZL defined in Figure 1.
[2]
At 3 dB gain compression.
8.4 Test circuit
Table 14.
Typical impedance of peak device at 1 : 1 load
Measured load-pull data of main device; IDq = 2300 mA (main); VDS = 28 V; pulsed CW (tp = 100 s;
=10 %).
f
ZS [1]
ZL [1]
PL(3dB) [2]
D
[2]
Gp [2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
2110
0.7
 j5.8
2.2
 j6.4
309
54.0
16.9
2140
0.9
 j6.0
2.2
 j6.2
309
54.0
17.3
2170
1.3
 j6.4
2.2
 j6.1
309
54.0
17.2
Table 15.
Off-state impedances of peak device
f
Zoff
(MHz)
(
)
2110
0.5
 j3.4
2140
0.5
 j3.6
2170
0.5
 j3.8
Printed-Circuit Board (PCB): Rogers 4350B:
r = 3.66; thickness = 0.508 mm; thickness copper
plating = 35
m. See Table 16 for a list of components.
Fig 2.
Component layout


Similar Part No. - BLC8G22LS-450AV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC8G20LS-310AV PHILIPS-BLC8G20LS-310AV_15 Datasheet
241Kb / 15P
   Power LDMOS transistor
Rev. 2-6 May 2015
BLC8G20LS-400AV PHILIPS-BLC8G20LS-400AV_15 Datasheet
225Kb / 15P
   Power LDMOS transistor
Rev. 1-26 March 2015
logo
Ampleon Netherlands B.V...
BLC8G21LS-160AV AMPLEON-BLC8G21LS-160AV Datasheet
1Mb / 14P
   Power LDMOS transistor
Rev. 4 ??24 May 2017
logo
NXP Semiconductors
BLC8G21LS-160AV PHILIPS-BLC8G21LS-160AV_15 Datasheet
179Kb / 14P
   Power LDMOS transistor
Rev. 1-12 August 2014
BLC8G24LS-240AV PHILIPS-BLC8G24LS-240AV_15 Datasheet
164Kb / 12P
   Power LDMOS transistor
Rev. 3-28 July 2015
More results

Similar Description - BLC8G22LS-450AV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com