Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4287ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4287ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4287ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4287ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = +3V, VEE = 0, DISABLE_
≥ 2V, RL = 300Ω to VCC/2, VCM = +1.0V, TA =+25°C, unless otherwise noted.)
-120
-100
-110
-70
-80
-90
-50
-60
-40
100
400 500
200 300
600 700 800 900 1000
MAX4285/MAX4287/MAX4288
DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
fO = 20MHz
VOUT = 0.5Vp-p
AV = +1V/V
2ND HARMONIC
3RD HARMONIC
-120
-100
-110
-70
-80
-90
-50
-60
-40
100
400 500
200 300
600 700 800 900 1000
MAX4286/MAX4387/MAX4388
DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
fO = 20MHz
VOUT = 0.5Vp-p
AV = +5V/V
2ND HARMONIC
3RD HARMONIC
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
0.25
0.50
0.75
1.00
1.25
MAX4285/MAX4287/MAX4288
DISTORTION vs. SWING
VOLTAGE (Vp-p)
RL = 300
fO = 20MHz
AV = +1V/V
2ND HARMONIC
3RD HARMONIC
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
0.25
0.50
0.75
1.00
1.25
MAX4286/MAX4387/MAX4388
DISTORTION vs. SWING
VOLTAGE (Vp-p)
RL = 300
fO = 20MHz
AV = +5V/V
2ND HARMONIC
3RD HARMONIC
100M
1G
-120
-60
-80
-100
-40
-20
0
40
20
60
80
100k
1M
10M
MAX4285/MAX4286/MAX4288/MAX4388
OFF-ISOLATION vs. FREQUENCY
FREQUENCY (Hz)
80
-120
0.1
1
10
100
1000
MAX4287/MAX4288/MAX4387/MAX4388
CROSSTALK vs. FREQUENCY
-80
FREQUENCY (MHz)
-40
0
40
20
-20
-60
-100
60
INPUT
500mV/
div
OUTPUT
500mV/
div
MAX4285/MAX4287/MAX4288
LARGE-SIGNAL PULSE RESPONSE
(AV = +1V/V)
TIME (5ns/div)
INPUT
100mV/
div
OUTPUT
500mV/
div
TIME (5ns/div)
MAX4286/MAX4387/MAX4388
LARGE-SIGNAL PULSE RESPONSE
(AV = +5V/V)


Similar Part No. - MAX4287ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX4287ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Maxim Integrated Produc...
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com