Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8413S12I-100 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8413S12I-100
Description  Ten 100MHz clocks for PCI Express
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8413S12I-100 Datasheet(HTML) 1 Page - Integrated Device Technology

  8413S12I-100 Datasheet HTML 1Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 2Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 3Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 4Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 5Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 6Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 7Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 8Page - Integrated Device Technology 8413S12I-100 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
DATA SHEET
Clock Generator for Cavium Processors
8413S12I-100
REVISION B 2/03/2015
1
©2015 INTEGRATED DEVICE TECHNOLOGY, INC.
General Description
The 8413S12I-100 is a PLL-based clock generator specifically
designed for Cavium Networks Octeon II processors. This high
performance device is optimized to generate the processor core
reference clock, the PCI-Express reference clocks and the clocks for
both the Gigabit Ethernet MAC and PHY. The clock generator offers
ultra low-jitter, low-skew clock outputs, and edge rates that easily
meet the input requirements for the CN63XX and CN68XX series of
processors. The output frequencies are generated from a 25MHz
external input source or an external 25MHz parallel resonant crystal.
The industrial temperature range of the 8413S12I-100 supports
telecommunication, networking, and storage requirements.
Applications
Systems using Cavium Processors
CPE Gateway Design
Home Media Servers
802.11n AP or Gateway
Soho Secure Gateway
Soho SME Gateway
Wireless Soho and SME VPN Solutions
Wired and Wireless Network Security
Web Servers and Exchange Servers
Features
Ten 100MHz clocks for PCI Express, HCSL interface levels
One single-ended QG LVCMOS/LVTTL clock output at 125MHz
One single-ended QF LVCMOS/LVTTL clock output at 50MHz,
15
output impedance
Two single-ended QREFx LVCMOS/LVTTL outputs at 25MHz,
15
output impedance
Selectable external crystal or differential (single-ended) input
source
Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
Supply Modes, (125MHz QG output and 25MHz QREFx outputs):
Core / Output
3.3V / 3.3V
3.3V / 2.5V
Supply Modes, (HCSL outputs, and 50MHz QF output):
Core / Output
3.3V / 3.3V
-40°C to 85°C ambient operating temperature
Available in Lead-free (RoHS 6) package
72-pin, 10mm x 10mm LQFP Package
8XXXXXX
GND
nc
nc
nc
nc
nc
nc
nc
nc
nc
VDDA
nc
nc
XTAL_IN
XTAL_OUT
nc
REF_SEL
GND
nc
VDD
IREF
OE_D
nQD1
QD1
nQD0
QD0
VDDO_D
VDDO_C
nQC1
QC1
nQC0
QC0
OE_C
VDD
GND
nc
8413S12I-100
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Pin Assignment


Similar Part No. - 8413S12I-100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8413S12I-100 RENESAS-8413S12I-100 Datasheet
1Mb / 34P
   Clock Generator for Cavium Processors
October 4, 2016
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
More results

Similar Description - 8413S12I-100

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
   Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
   Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
   Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
logo
Integrated Device Techn...
ICS842S104 IDT-ICS842S104 Datasheet
925Kb / 21P
   Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
logo
Renesas Technology Corp
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
   Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
ICS9FG1901 RENESAS-ICS9FG1901 Datasheet
424Kb / 18P
   Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com