Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4250EUK Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4250EUK
Description  SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4250EUK Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4250EUK Datasheet HTML 1Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4250EUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SOT23, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
_______________________________________________________________________________________
5
50
80
70
60
90
100
110
120
130
140
150
0
100
50
150
200
250
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 200kΩ
RL = 20kΩ
RL = 2kΩ
VDD = 5V
RL REFERENCED TO VDD
100
110
105
115
120
125
-40
0
-20
20
60
40
80
LARGE-SIGNAL VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
RL REFERENCED T0 VDD/2
VDD = 5V
RL = 100kΩ
VOUT = 10mV
to 4.99V
RL = 10kΩ
VOUT = 20mV
to 4.975V
RL = 1kΩ
VOUT = 150mV
to 4.75V
0.373
0.374
0.375
0.376
340
380
360
400
420
440
460
-40
0
-20
20
60
40
80
SUPPLY CURRENT AND SHUTDOWN
SUPPLY CURRENT vs. TEMPERATURE
MAX4249 TOC12
TEMPERATURE (°C)
SHDN = VDD
PER AMPLIFIER
SHDN = VSS
320
340
360
380
400
420
440
0
0.1
0.2
0.3
0.4
0.5
0.6
1.8
2.8
2.3
3.3
3.8
4.3
4.8
5.3 5.5
SUPPLY CURRENT AND SHUTDOWN
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX4249 TOC 13A
SUPPLY VOLTAGE (V)
PER AMPLIFIER
SHDN = VSS
SHDN = VDD
60
-40
100
10k
100k
1M
1k
10M
MAX4250–MAX4254
GAIN AND PHASE vs. FREQUENCY
-20
-10
0
-30
MAX4249 TOC15
FREQUENCY (Hz)
10
20
30
40
50
180
-180
-108
-72
-36
-144
0
36
72
108
144
GAIN
PHASE
VDD = 3V, 5V
RL = 50kΩ
CL = 20pF
AV = 1000
2000
100
0.001
0.1
1
0.01
5
SUPPLY CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1000
400
VDD = 5V
VDD = 3V
40
60
80
120
100
180
160
140
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VCM = 0V
VOUT = VDD/2
RL REFERENCED TO GND
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
60
-40
100
10k
100k
1M
1k
10M
MAX4249, MAX4255/MAX4256/MAX4257
GAIN AND PHASE vs. FREQUENCY
-20
-10
0
-30
MAX4249 TOC16
FREQUENCY (Hz)
10
20
30
40
50
180
-180
-108
-72
-36
-144
0
36
72
108
144
VDD = 3V, 5V
RL = 50kΩ
CL = 20pF
AV = 1000
GAIN
PHASE
0
-100
-110
1
1k
10k
100k
1M
10
100
10M
MAX4250–MAX4254
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
-70
-60
-90
MAX4249 TOC17
FREQUENCY (Hz)
-50
-40
-30
-20
-10
PSRR+
VDD = 3V, 5V
PSRR-
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = VOUT = VDD/2, input noise floor of test equipment = 10nV/√Hz for all distortion measurements,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4250EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4250EUK+T MAXIM-MAX4250EUK+T Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4250EUK+T MAXIM-MAX4250EUK+T Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results

Similar Description - MAX4250EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com