Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8S89832I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8S89832I
Description  Four differential LVDS output pairs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8S89832I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8S89832I Datasheet HTML 1Page - Integrated Device Technology ICS8S89832I Datasheet HTML 2Page - Integrated Device Technology ICS8S89832I Datasheet HTML 3Page - Integrated Device Technology ICS8S89832I Datasheet HTML 4Page - Integrated Device Technology ICS8S89832I Datasheet HTML 5Page - Integrated Device Technology ICS8S89832I Datasheet HTML 6Page - Integrated Device Technology ICS8S89832I Datasheet HTML 7Page - Integrated Device Technology ICS8S89832I Datasheet HTML 8Page - Integrated Device Technology ICS8S89832I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ICS8S89832I Data Sheet
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS8S89832AKI REVISION A JANUARY 11, 2010
5
©2010 Integrated Device Technology, Inc.
Table 4C. Differential DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Guaranteed by design.
Table 4D. LVDS DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
.
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
All parameters are measured at
≤ 1.5GHz unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RIN
Differential Input Resistance
IN, nIN
IN to VT, nIN to VT
40
50
60
VIH
Input High Voltage
IN, nIN
1.2
VDD
V
VIL
Input Low Voltage
IN, nIN
0
VIH – 0.15
V
VIN
Input Voltage Swing; NOTE 1
0.15
1.2
V
VDIFF_IN
Differential Input Voltage Swing
0.3
V
IIN
Input Current; NOTE 2
IN, nIN
35
mA
VREF_AC
Reference Voltage
VDD – 1.40
VDD – 1.35
VDD – 1.30
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
454
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.125
1.375
V
∆V
OS
VOS Magnitude Change
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Operating Frequency
2GHz
tPD
Propagation Delay; (Differential)
NOTE 1
300
550
ps
tsk(o)
Output Skew; NOTE 2, 3
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
200
ps
tjit
Buffer Additive Phase Jitter, RMS; refer to
Additive Phase Jitter Section
200MHz, Integration Range:
12kHz - 20MHz
0.09
ps
ts /tH
Clock Enable Setup Time
EN to IN, nIN
300
ps
tR / tF
Output Rise/Fall Time
20% to 80%
50
235
ps


Similar Part No. - ICS8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
More results

Similar Description - ICS8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V34S204 IDT-8V34S204 Datasheet
728Kb / 22P
   Four differential LVDS output pairs
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
   Four differential LVDS output pairs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
   Eight differential LVDS output pairs
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
   Eight differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com