Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4358 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4358
Description  32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4358 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4358 Datasheet HTML 1Page - Maxim Integrated Products MAX4358 Datasheet HTML 2Page - Maxim Integrated Products MAX4358 Datasheet HTML 3Page - Maxim Integrated Products MAX4358 Datasheet HTML 4Page - Maxim Integrated Products MAX4358 Datasheet HTML 5Page - Maxim Integrated Products MAX4358 Datasheet HTML 6Page - Maxim Integrated Products MAX4358 Datasheet HTML 7Page - Maxim Integrated Products MAX4358 Datasheet HTML 8Page - Maxim Integrated Products MAX4358 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
32 x 16 Nonblocking Video Crosspoint Switch
with On-Screen Display Insertion and I/O Buffers
_______________________________________________________________________________________
5
DC ELECTRICAL CHARACTERISTICS—DUAL SUPPLIES ±3V (continued)
(VCC = +3V, VEE = -3V, VDD = +3V, AGND = DGND = 0, VIN_ = 0, VOSDFILL_ = 0, RL = 150Ω to AGND, and TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
ISC
Sinking or sourcing, RL = 1Ω
±40
mA
Enabled Output Impedance
ZOUT
(VEE + 1V) < VIN
_ < (VCC - 1.2V)
0.2
Output Leakage Current,
Disable Mode
IOD
(VEE + 1V) < VOUT
_ < (VCC - 1.2V)
0.004
1
µA
DC Power-Supply Rejection
Ratio
PSRR
4.5V < (VCC - VEE) < 10.5V
60
75
dB
Outputs enabled
95
ICC
RL = ∞
Outputs disabled
50
Outputs enabled
90
IEE
RL = ∞
Outputs disabled
45
Quiescent
Supply
Current
IDD
3
mA
DC ELECTRICAL CHARACTERISTICS—SINGLE SUPPLY +5V
(VCC = +5V, VEE = 0, VDD = +5V, AGND = DGND = 0, VIN_ = VOSDFILL_ = +1.75V, AV = +1V/V, RL = 150Ω to AGND, and TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VCC
Guaranteed by PSRR test
4.5
5.5
V
Logic-Supply Voltage Range
VDD to
DGND
2.7
5.5
V
(VEE + 1V) < VIN < (VCC - 2.5V),
AV = +1V/V, RL = 150Ω
0.94
0.995
1
Gain (Note 1)
AV
(VEE + 1V) < VIN < (VCC - 1.2V),
AV = +1V/V, RL = 10kΩ
0.94
0.995
1
V
RL = 10kΩ
0.5
3
Gain Matching (Channel to
Channel)
RL = 150Ω
0.5
3
%
Temperature Coefficient of Gain
TCAV
10
ppm/
°
C
RL = 10kΩ
VEE +
1
VCC -
1.2
Input Voltage Range
VIN
AV = +1V/V
RL = 150Ω
VEE +
1
VCC -
2.5
V
AV = +1V/V,
RL = 10kΩ
VEE +
1
VCC -
1.2
Output Voltage
Range
VOUT
AV = +1V/V,
RL = 150Ω
VEE +
1
VCC -
2.5
V


Similar Part No. - MAX4358

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4358EVKIT MAXIM-MAX4358EVKIT Datasheet
1Mb / 20P
   MAX4455 Evaluation Kit/Evaluation System
Rev 2; 12/03
More results

Similar Description - MAX4358

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4356 MAXIM-MAX4356 Datasheet
842Kb / 41P
   16x16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
STMicroelectronics
STV3500 STMICROELECTRONICS-STV3500 Datasheet
46Kb / 3P
   Integrated Up-Convertor with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com