Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC8G27LS-210PV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLC8G27LS-210PV
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC8G27LS-210PV Datasheet(HTML) 3 Page - NXP Semiconductors

  BLC8G27LS-210PV_15 Datasheet HTML 1Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 2Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 3Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 4Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 5Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 6Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 7Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 8Page - NXP Semiconductors BLC8G27LS-210PV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BLC8G27LS-210PV
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 9 February 2015
3 of 15
NXP Semiconductors
BLC8G27LS-210PV
Power LDMOS transistor
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLC8G27LS-210PV is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS =28 V;
IDq = 1730 mA; PL = 200 W (CW); f = 2600 MHz.
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
Table 6.
DC characteristics
Tj = 25 C per section, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID =1.44mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 144 mA
1.5
1.9
2.3
V
VGSq
gate-source quiescent voltage
VDS = 28 V; ID = 865 mA
1.6
2
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
2.8
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
-
26.9
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
280
nA
gfs
forward transconductance
VDS =10V; ID = 7.2 A
-
11.2
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =5.4 A
-0.10
-
Table 7.
RF characteristics
Test signal: 2-carrier W-CDMA; 3GPP test model 1 with 64 DPCH; PAR = 8.4 dB at 0.01 %
probability on the CCDF; f1 = 2602.5 MHz; f2 = 2607.5 MHz; f3 = 2692.5 MHz; f4 = 2697.5 MHz;
RF performance at VDS =28V; IDq =1730mA; Tcase =25 C; unless otherwise specified; in a water
cooled class-AB test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) =65W
15.8
17
-
dB
D
drain efficiency
PL(AV) =65W
27
30
-
%
RLin
input return loss
PL(AV) =65W
-
13
8dB
ACPR5M adjacent channel power ratio (5 MHz)
PL(AV) =65W
-
29
26
dBc
Table 8.
Typical impedance
Measured load-pull data per section; IDq = 865 mA; VDS = 28 V.
f
ZS [1]
ZL[1]
(MHz)
(
)
(
)
2500
2.58
 j5.80
1.60
 j4.32
2600
3.40
 j6.30
1.65
 j4.44
2700
6.35
 j6.45
1.77
 j4.75


Similar Part No. - BLC8G27LS-210PV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC8G27LS-240AV PHILIPS-BLC8G27LS-240AV_15 Datasheet
208Kb / 14P
   Power LDMOS transistor
Rev. 3-28 July 2015
BLC8G27LS-245AV PHILIPS-BLC8G27LS-245AV_15 Datasheet
179Kb / 13P
   Power LDMOS transistor
Rev. 1-16 December 2014
More results

Similar Description - BLC8G27LS-210PV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com