Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4358ECE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4358ECE
Description  32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4358ECE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4358ECE Datasheet HTML 7Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 8Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 9Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 10Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 11Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 12Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 13Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 14Page - Maxim Integrated Products MAX4358ECE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
32 x 16 Nonblocking Video Crosspoint Switch
with On-Screen Display Insertion and I/O Buffers
______________________________________________________________________________________
11
SWITCHING CHARACTERISTICS
((VCC - VEE) = +4.5V to +10.5V, VDD = +2.7V to +5.5V, DGND = AGND = 0, VIN_ = VOSDFILL_ = 0 for dual supplies, VIN_ =
VOSDFILL_ = +1.75V for single supply, RL = 150Ω to AGND, CL = 100pF, AV = +1V/V, and TA = TMIN - TMAX, unless otherwise noted.
Typical values are at TA = +25°C. )
Note 1: Associated output voltage may be determined by multiplying the input voltage by the specified gain (AV) and adding output
offset voltage. Gain is specified for IN_ and OSDFILL_ signal paths.
Note 2: Logic level characteristics apply to the following pins: DIN, DOUT, SCLK, CE, UPDATE, RESET, A3–A0, MODE, AOUT, and
OSDKEY_.
Note 3: Switching transient settling time is guaranteed by the settling time (tS) specification. Switching transient is a result of updat-
ing the switch matrix.
Note 4: Input test signal: 3.58MHz sine wave of amplitude 40IRE superimposed on a linear ramp (0 to 100IRE). IRE is a unit of
video-signal amplitude developed by the International Radio Engineers: 140IRE = 1.0V.
Note 5: All devices are 100% production tested at +25°C. Specifications over temperature limits are guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Delay: UPDATE to Video Out
tPdUdVo
VIN = 0.5V step
200
450
ns
Delay: UPDATE to AOUT
tPdUdAo
MODE = 0, time to AOUT = low after
UPDATE = low
30
200
ns
VDD = +5V
40
Delay: OSDKEY_ to Output
tPdOkVo/
tPdOfVo
VOUT = 0.5V step
VDD = +3V
60
ns
Delay: SCLK to DOUT Valid
tPdDo
Logic state change in DOUT on active
SCLK edge
30
200
ns
Delay: Output Disable
tPdHOeVo
VOUT = 0.5V, 1kΩ pulldown to AGND
300
800
ns
Delay: Output Enable
tPdLOeVo
Output disabled, 1k
Ω pulldown to AGND,
VIN = 0.5V
200
800
ns
Setup: CE to SCLK
tSuCe
100
ns
Setup: DIN to SCLK
tSuDi
100
ns
Hold Time: SCLK to DIN
tHdDi
100
ns
Minimum High Time: SCLK
tMnHCk
100
ns
Minimum Low Time: SCLK
tMnLCk
100
ns
Minimum Low Time: UPDATE
tMnLUd
100
ns
Setup Time: UPDATE to SCLK
tSuHUd
Rising edge of UPDATE to falling edge of
SCLK
100
ns
Hold Time: SCLK to UPDATE
tHdHUd
Falling edge of SCLK to falling edge of
UPDATE
100
ns
Setup Time: MODE to SCLK
tSuMd
Minimum time from clock edge to MODE
with valid data clocking
100
ns
Hold Time: MODE to SCLK
tHdMd
Minimum time from clock edge to MODE
with valid data clocking
100
ns
Minimum Low Time: RESET
tMnLRst
300
ns
Delay: RESET
tPdRst
10k
Ω pulldown to AGND
600
ns


Similar Part No. - MAX4358ECE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4358EVKIT MAXIM-MAX4358EVKIT Datasheet
1Mb / 20P
   MAX4455 Evaluation Kit/Evaluation System
Rev 2; 12/03
More results

Similar Description - MAX4358ECE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4356 MAXIM-MAX4356 Datasheet
842Kb / 41P
   16x16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
STMicroelectronics
STV3500 STMICROELECTRONICS-STV3500 Datasheet
46Kb / 3P
   Integrated Up-Convertor with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com