Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S006I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS853S006I
Description  One differential PCLK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S006I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS853S006I Datasheet HTML 1Page - Integrated Device Technology ICS853S006I Datasheet HTML 2Page - Integrated Device Technology ICS853S006I Datasheet HTML 3Page - Integrated Device Technology ICS853S006I Datasheet HTML 4Page - Integrated Device Technology ICS853S006I Datasheet HTML 5Page - Integrated Device Technology ICS853S006I Datasheet HTML 6Page - Integrated Device Technology ICS853S006I Datasheet HTML 7Page - Integrated Device Technology ICS853S006I Datasheet HTML 8Page - Integrated Device Technology ICS853S006I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS853S006I Data Sheet
LOW SKEW, 1-TO-6, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S006AGI REVISION A NOVEMBER 15, 2011
4
©2011 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 2.375V to 3.465V; VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
VBB Sink//Source, IBB
± 0.5mA
Operating Temperature Range, TA
-40
°C to +85°C
Package Thermal Impedance,
θ
JA
92.1
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
2.375
3.3
3.465
V
IEE
Power Supply Current
60
mA


Similar Part No. - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S006I RENESAS-ICS853S006I Datasheet
709Kb / 20P
   Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
More results

Similar Description - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com