Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S013I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS853S013I
Description  Output frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S013I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS853S013I Datasheet HTML 7Page - Integrated Device Technology ICS853S013I Datasheet HTML 8Page - Integrated Device Technology ICS853S013I Datasheet HTML 9Page - Integrated Device Technology ICS853S013I Datasheet HTML 10Page - Integrated Device Technology ICS853S013I Datasheet HTML 11Page - Integrated Device Technology ICS853S013I Datasheet HTML 12Page - Integrated Device Technology ICS853S013I Datasheet HTML 13Page - Integrated Device Technology ICS853S013I Datasheet HTML 14Page - Integrated Device Technology ICS853S013I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ICS853S013AMI REVISION A AUGUST 20, 2010
11
©2010 Integrated Device Technology, Inc.
ICS853S013I Data Sheet
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Termination for 2.5V LVPECL Outputs
Figure 4A and Figure 4B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to ground
level. The R3 in Figure 4B can be eliminated and the termination is
shown in Figure 4C.
Figure 4A. 2.5V LVPECL Driver Termination Example
Figure 4C. 2.5V LVPECL Driver Termination Example
Figure 4B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
+
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+


Similar Part No. - ICS853S013I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S013I RENESAS-ICS853S013I Datasheet
1,003Kb / 17P
   Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
AUGUST 20, 2010
More results

Similar Description - ICS853S013I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com