Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4370ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4370ESA
Description  Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4370ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4370ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Current-Regulating Hot-Swap Controller with
DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
11
__________Applications Information
Component Selection
N-Channel MOSFET
Select the external N-channel MOSFET according to
the application’s current level. The MOSFET’s RDS(ON)
should be chosen low enough to have a minimum volt-
age drop at full load to limit the MOSFET power dissipa-
tion. High RDS(ON) can cause output ripple if the board
has pulsing loads, or it can trigger an external under-
voltage reset monitor at full load. Determine the
device’s power rating requirement to accommodate a
short-circuit condition on the board during start-up (see
MOSFET Thermal Considerations).
MOSFETs can typically withstand single-shot pulses
with higher dissipation than the specified package rat-
ing. Also, since part of the inrush current limiting is
achieved by limiting the gate dV/dt, it is not necessary
to use a MOSFET with low gate capacitance. Table 2
lists some recommended manufacturers and compo-
nents.
Sense Resistor
The slow comparator threshold voltage is set at 50mV.
Select a sense resistor that causes a 50mV voltage
drop at a current level above the maximum normal
operating current. Typically, set the overload current at
1.2 to 1.5 times the nominal load current. The fast com-
parator threshold is set at 200mV. This sets the fault
current limit at four times the overload current limit.
Choose the sense-resistor power rating to accommo-
date the overload current (Table 3):
PSENSE = (IOVERLOAD)2 · RSENSE
Start-Up Timing Capacitor (CTIM)
The start-up period (tSTART) is determined by the capaci-
tor connected at CTIM. This determines the maximum
time allowed to completely turn on the MOSFET.
The default value for tSTART is chosen by leaving CTIM
floating and is approximately 5.5µs. This is also the
minimum value (not controlled and dependent on stray
capacitance). Longer timings are determined by the
value of the capacitor, according to Figure 6, and can
be determined as follows:
tSTART (ms) = 0.31 · CTIM (nF)
Set the tSTART timer to allow the MOSFET to be
enhanced and the load capacitor to be completely
charged.
There are two methods of completing the start-up
sequences. Case A describes a start-up sequence that
does not use the current-limiting feature and slowly turns
on the MOSFET by limiting the gate dV/dt. Case B uses
the current-limiting feature and turns on the MOSFET as
fast as possible while still preventing high inrush current.
0.01
0.1
1
10
100
1000
CAPACITANCE (nF)
1000
0.1
0.01
0.001
1
10
100
Figure 6. Start-Up Period vs. CTIM
Table 3. Current Levels vs. RSENSE
1
50
0.5
100
RSENSE
(m
Ω)
5
10
OVERLOAD
THRESHOLD SET BY
SLOW COMPARATOR
(A)
4
2
20
FAULT CURRENT
THRESHOLD SET BY
FAST COMPARATOR
(A)
Table 2. Component Manufacturers
704-264-8861
888-522-5372
402-564-3131
PHONE
www.irctt.co
www.fairchildsemi.com
www.vishay.com
INTERNET
310-322-3331
IRC
Sense Resistors
602-244-3576
www.irf.com
www.mot-sps.com/ppd/
International Rectifier
Motorola
Fairchild
COMPONENT
Dale-Vishay
MANUFACTURER
MOSFETs


Similar Part No. - MAX4370ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX437 MAXIM-MAX437 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4372 MAXIM-MAX4372 Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4372 MAXIM-MAX4372 Datasheet
108Kb / 4P
   Fully Assembled and Tested
Rev 0; 12/08
MAX4372F MAXIM-MAX4372F Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FESA MAXIM-MAX4372FESA Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
More results

Similar Description - MAX4370ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4271 MAXIM-MAX4271 Datasheet
407Kb / 24P
   3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
MAX4271 MAXIM-MAX4271_07 Datasheet
408Kb / 26P
   3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Rev 2; 12/07
logo
Richtek Technology Corp...
RT1720 RICHTEK-RT1720 Datasheet
1Mb / 19P
   60V Hot Swap Controller with Fault Timer
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
logo
Intersil Corporation
X80070 INTERSIL-X80070 Datasheet
278Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Refulator Output
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
   Hot Swap Controller with Multifunction Current Control
LTC4221 LINER-LTC4221_15 Datasheet
278Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
LTC4221 LINER-LTC4221 Datasheet
311Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com