Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF6G15L-40RN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF6G15L-40RN
Description  Power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF6G15L-40RN Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF6G15L-40RN_15 Datasheet HTML 1Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 2Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 3Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 4Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 5Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 6Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 7Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 8Page - NXP Semiconductors BLF6G15L-40RN_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF6G15L-40RN_6G15LS-40RN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 14 May 2012
3 of 12
NXP Semiconductors
BLF6G15L(S)-40RN
Power LDMOS transistor
6.
Characteristics
7.
Application information
7.1 Ruggedness in Class-AB operations
The BLF6G15L-40RN and the BLF6G15LS-40RN are capable of withstanding a load
mismatch corresponding to VSWR 10 : 1 through all phases under following conditions:
VDS =28V; IDq =375 mA; PL = 40 W; f = 1476 MHz (CW).
8.
Test information
8.1 Impedance information
Table 6.
Characteristics
Tj = 25 C per section; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage
VGS =0 V; ID =0.59mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID =59mA
1.4
1.8
2.4
V
IDSS
drain leakage current
VGS =0 V; VDS =28V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
-9.4
-
A
IGSS
gate leakage current
VGS =11 V; VDS =0V
-
-
140
nA
gfs
forward transconductance
VDS =10 V; ID = 58.9 mA
-
0.5
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =2.06A
-0.32 -
Table 7.
2-carrier W-CDMA RF performance
Class-AB production test circuit; PAR 8.4 dB at 0.01 % probability on CCDF; carrier spacing 5 MHz;
3GPP test model 1; 64 DPCH; f1 = 1476 MHz; f2 = 1511 MHz; RF performance at VDS =28V;
IDq = 375 mA; Tcase = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PL(AV)
average output power
-
2.5
-
W
Gp
power gain
PL(AV) = 2.5 W
19.8
22.5
-
dB
RLin
input return loss
PL(AV) = 2.5 W
-
16
11
dB
D
drain efficiency
PL(AV) = 2.5 W
11.5
13.5
-
%
ACPR
adjacent channel power ratio
PL(AV) = 2.5 W
-
45
40
dBc
Table 8.
Typical impedance
Measured load-pull data. Typical values per section. IDq = 330 mA; main transistor VDS =28 V
ZS and ZL defined in Figure 1.
f
ZS
ZL
(MHz)
(
)
(
)
1450
4.4
 j5.9
5.5
 j4.6
1480
4.4
 j4.1
5.0
 j5.0
1510
6.4
 j4.7
5.0
 j5.0


Similar Part No. - BLF6G15L-40RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G15L-40RN NXP-BLF6G15L-40RN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G15L-40RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com