Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWDMG_1X2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CWDMG_1X2
Description  Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CWDMG_1X2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CWDMG_1X2 Datasheet HTML 1Page - OPLINK Communications Inc. CWDMG_1X2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
CWDMG Series
Min
Typical
Max
Unit
Operating Wavelength Range
1460~1620 or 1260~1620
nm
Center Wavelength λ
C
ITU Grid
nm
Channel Spacing
20
nm
Passband Bandwidth @ 0.5dB
λ
C ± 6.5
nm
Insertion Loss 1) (Over all wave-
length range and all temp, all SOP)
Pass Port
0.35
0.45
dB
Reflect Port
0.3
0.35
Polarization Dependent Loss (PDL)
0.10
dB
Polarization Mode Dispersion (PMD)
0.10
ps
Passband Ripple
0.20
dB
Adjacent Channel Band Isolation
30
dB
Non-adjacent Channel Band Isolation
40
dB
Return Loss
50
dB
Directivity
50
dB
Operating Power
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28 or equivalent
Package Dimensions 3)
250µm Bare Fiber
P1 (Φ)5.5±0.2 x (L)34.0±1.0
mm
900µm loose tube
P2 (Φ)5.5±0.2 x (L)40.0±1.0
Applications
Performance Specificationns
Note:
[1] All spec excluding connectors
[2] The maximum IL is under all states of polarization and within the full operating temperature and wavelength
ranges specified.
S0007 - R05. 20110523
Single Channel CWDM OADM (1x2)
CWDMG 1x2 Series
Oplink’s single channel Coarse WDM is based on patented athermal platform
for optical device. This multiplexer features ultra low insertion loss, super
thermal stability, and unparallel reliability.The technology is a lead-free packag-
ing platform and no epoxy in the optical path. Green CWDM is Telcordia GR-
1221 and GR-1209 tested, qualified for uncontrolled environment applications
and complied with industry green initiatives such as RoHS and WEEE.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Environmental Green Plan
Compliance
Ultra-Low Insertion Loss
Narrow Down Distribution
Super Thermal Stability
Highly Reliability
High Channel Isolation
Epoxy-free Optical Path
WDM Systems For Metro/Access
Market


Similar Part No. - CWDMG_1X2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG1270000111 OPLINK-CWDMG1270000111 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG1270000112 OPLINK-CWDMG1270000112 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG12700001H1 OPLINK-CWDMG12700001H1 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG12700001H2 OPLINK-CWDMG12700001H2 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
CWDMG1270000211 OPLINK-CWDMG1270000211 Datasheet
188Kb / 2P
   Single Channel CWDM OADM
More results

Similar Description - CWDMG_1X2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
   Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
OFMS1X8 OPLINK-OFMS1X8 Datasheet
279Kb / 3P
   The OFMS series 1x8 optical fiber switch is based on Oplink?셲 patented opto-mechanical switches with unique prism design to improve the switch repeatability and stability.
logo
STMicroelectronics
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
   Based on ST?셲 Snubberless
logo
Infineon Technologies A...
SLB9670VQ1.2 INFINEON-SLB9670VQ1.2 Datasheet
558Kb / 18P
   Trusted Platform Module and is based on advanced hardware security technology
Revision 1.0, 2015-11-05
logo
STMicroelectronics
UM0442 STMICROELECTRONICS-UM0442 Datasheet
777Kb / 33P
   Multiple application platform based on STR750FV2
logo
International Rectifier
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
   Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
   Evaluation platform based on the BlueNRG-2
Rev 3 - February 2018
logo
International Rectifier
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
   Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com