Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8P34S1212I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT8P34S1212I
Description  Twelve low skew, low additive jitter LVDS output pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1212I Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT8P34S1212I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT8P34S1212NLI REVISION A JANUARY 20, 2014
2
©2014 Integrated Device Technology, Inc.
IDT8P34S1212I Data Sheet
1:12 LVDS Output 1.8V Fanout Buffer
Pin Descriptions and Characteristics
Table 1. Pin DescriptionsNote 1.
1.
Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Number
Name
Type
Description
1
SEL
Input
Pulldown
Reference select control. See Table 3 for function.
LVCMOS/LVTTL interface levels.
2
CLK1
Input
Pulldown
Non-inverting differential clock/data input.
3
nCLK1
Input
Pulldown/
Pullup
Inverting differential clock input.
4, 10
nc
Unused
Do not connect.
5, 6, 11, 20,
31, 40
VDD
Power
Power supply pins.
7VREF
Bias voltage reference. Provides an input bias voltage for the CLKx, nCLKx
input pairs in AC-coupled applications. Refer to Figures 2B and 2C for
applicable AC-coupled input interfaces.
8
nCLK0
Input
Pulldown/
Pullup
Inverting LVPECL differential clock input.
9
CLK0
Input
Pulldown
Non-inverting LVPECL differential clock/data input.
12, 13
Q0, nQ0
Output
Differential output pair 0. LVDS interface levels.
14, 15
Q1, nQ1
Output
Differential output pair 1. LVDS interface levels.
16, 17
Q2, nQ2
Output
Differential output pair 2. LVDS interface levels.
18, 19
Q3, nQ3
Output
Differential output pair 3. LVDS interface levels.
21, 30
GND
Power
Power supply ground.
22, 23
Q4, nQ4
Output
Differential output pair 4. LVDS interface levels.
24, 25
Q5, nQ5
Output
Differential output pair 5. LVDS interface levels.
26, 27
Q6, nQ6
Output
Differential output pair 6. LVDS interface levels.
28, 29
Q7, nQ7
Output
Differential output pair 7. LVDS interface levels.
32, 33
Q8, nQ8
Output
Differential output pair 8. LVDS interface levels.
34, 35
Q9, nQ9
Output
Differential output pair 9. LVDS interface levels.
36, 37
Q10, nQ10
Output
Differential output pair 10. LVDS interface levels.
38, 39
Q11, nQ11
Output
Differential output pair 11. LVDS interface levels.
Table 2. Pin Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Table 3. SEL Input Function TableNote 1.
1.
SEL is an asynchronous control.
Input
Operation
SEL
0 (Default)
CLK0, nCLK0 is the selected differential clock input.
1
CLK1, nCLK1 is the selected differential clock input.


Similar Part No. - IDT8P34S1212I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P34S1212I IDT-IDT8P34S1212I_17 Datasheet
443Kb / 19P
   1:12 LVDS Output 1.8V Fanout Buffer
More results

Similar Description - IDT8P34S1212I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
   Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
   Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
   Two low skew, low additive jitter LVDS output pairs
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
   Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
   Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
   Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
logo
Texas Instruments
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com