Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8P34S1212I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT8P34S1212I
Description  Twelve low skew, low additive jitter LVDS output pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1212I Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT8P34S1212I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1212I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IDT8P34S1212NLI REVISION A JANUARY 20, 2014
5
©2014 Integrated Device Technology, Inc.
IDT8P34S1212I Data Sheet
1:12 LVDS Output 1.8V Fanout Buffer
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VDD = 1.8V ± 5%, TA = -40°C to 85°C
Note 1.
1.
Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equi-
librium has been reached under these conditions.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input
Frequency
CLK[0:1],
nCLK[0:1]
1.2
GHz
V/t
Input
Edge Rate
CLK[0:1],
nCLK[0:1]
1.5
V/ns
tPD
Propagation DelayNote 2.
Note 3.
2.
Measured from the differential input crossing point to the differential output crossing point
3.
Input VPP = 400mV
CLK[0:1]; nCLK[0:1] to any Qx, nQx
200
340
450
ps
tsk(o)
Output SkewNote 4. Note 5.
4.
Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
5.
This parameter is defined in accordance with JEDEC Standard 65.
10
45
ps
tsk(i)
Input SkewNote 5.
545
ps
tsk(p)
Pulse Skew
fREF = 100MHz
3
20
ps
tsk(pp)
Part-to-Part SkewNote 6.
6.
Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and with
equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
250
ps
tJIT
Buffer Additive Phase
Jitter, RMS; refer to
Additive Phase Jitter
Section
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 1kHz – 40MHz
89
200
fs
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 10kHz – 20MHz
74
150
fs
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 12kHz – 20MHz
74
150
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 1kHz – 40MHz
58
81
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 10kHz – 20MHz
41
60
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 12kHz – 20MHz
41
60
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 1kHz – 40MHz
85
123
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 10kHz – 20MHz
61
87
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 12kHz – 20MHz
61
87
fs
tR / tF
Output Rise/ Fall Time
10% to 90%,
outputs loaded with 100
225
400
ps
20% to 80%,
outputs loaded with 100
110
260
ps
MUXISOLATION Mux Isolation
Note 7.
7.
Qx, nQx outputs measured differentially. See MUX Isolation diagram in the Parameter Measurement Information section.
fREF = 100MHz
72.6
dB


Similar Part No. - IDT8P34S1212I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P34S1212I IDT-IDT8P34S1212I_17 Datasheet
443Kb / 19P
   1:12 LVDS Output 1.8V Fanout Buffer
More results

Similar Description - IDT8P34S1212I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
   Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
   Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
   Two low skew, low additive jitter LVDS output pairs
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
   Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
   Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
   Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
logo
Texas Instruments
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com