Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4373FEUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4373FEUA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FEUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4373FEUA Datasheet HTML 1Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 2Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 3Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4373/MAX4374/MAX4375 low-cost, micropow-
er, high-side current-sense supervisors contain a high-
side current-sense amplifier, bandgap reference, and
comparator with latching output. They feature a voltage
output that eliminates the need for gain-setting resistors,
making them ideal for today’s notebook computers, cell
phones, and other systems where battery/DC current
monitoring is critical. High-side current monitoring is
especially useful in battery-powered systems since it
does not interfere with the ground path of the battery
charger. The 0 to +28V input common-mode range is
independent of the supply voltage, which ensures that
the current-sense feedback remains viable even when
connected to a battery pack in deep discharge.
The comparator output of the MAX4373/MAX4374/
MAX4375 is latched to provide a turn-off flag that
doesn’t oscillate. In addition, the MAX4374/MAX4375
contain a second comparator for use in window-detec-
tion functions. The MAX4373/MAX4374/MAX4375 are
available in three different gain versions (T = +20V/V,
F = +50V/V, H = +100V/V) and use an external sense
resistor to set the sensitivity of the input voltage to the
load current. These features offer a high level of inte-
gration, resulting in a simple and compact current-
sense solution.
The MAX4373/MAX4374/MAX4375 operate from a sin-
gle +2.7V to +28V supply and consume 50µA. They are
specified for the extended operating temperature range
(-40°C to +85°C) and are available in 8-pin and 10-pin
µMAX packages.
________________________Applications
Notebook Computers
Portable/Battery-Powered Systems
Smart Battery Packs/Chargers
Cell Phones
Power-Management Systems
General-System/Board-Level Current Monitoring
Precision Current Sources
Features
o Current-Sense Amplifier plus Internal Comparator
and Bandgap Reference
o 50µA Supply Current
o Single +2.7V to +28V Operating Supply
o 0.66% Full-Scale Accuracy
o Internal Bandgap Reference
o Latching Comparator Output
o Three Gain Versions Available (+20V/V, +50V/V,
+100V/V)
o Wide 0 to +28V Common-Mode Range,
Independent of Supply Voltage
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
________________________________________________________________ Maxim Integrated Products
1
MAX4373
RS-
RS+
OUT
CIN
LOAD/
BATTERY
VCC = 2.7V TO 28V
VIN = 0 TO 28V
GND
VCC
RSENSE
+ VSENSE -
ILOAD
VPULL-UP = 5V
R3
COUT
C1
0.1
µF
R2
R1
RESET
Typical Operating Circuit
19-1630; Rev 0; 3/00
Pin Configurations appear at end of data sheet.
8 SO
8 µMAX
PIN-
PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
MAX4373TESA
MAX4373TEUA
PART
+20
+20
GAIN
(V/V)
8 µMAX
-40°C to +85°C
MAX4373FEUA
+50
8 SO
-40°C to +85°C
MAX4373FESA
+50
8 µMAX
-40°C to +85°C
MAX4373HEUA
+100
8 SO
-40°C to +85°C
MAX4373HESA
+100
Ordering Information continues at end of data sheet.
Ordering Information


Similar Part No. - MAX4373FEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373FEUA++ MAXIM-MAX4373FEUA+ Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
More results

Similar Description - MAX4373FEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com