Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4382ESD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4382ESD
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382ESD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4382ESD Datasheet HTML 1Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 2Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 3Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4382ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS–Single Supply
(VCC = +5V, VEE = 0, VCM = +1.5V, RL = 100
Ω to VCC/2, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
VOUT = VCC/2, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS–Dual Supply (continued)
(VCC = +5V, VEE = -5V, VCM = 0, VOUT = 0, RL =
∞ to 0, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sinking from RL = 75
Ω to VCC
50
75
Output Current
IOUT
Sourcing into RL = 75
Ω to VEE
50
75
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Power-Supply Rejection Ratio
PSRR
VS =
±4.5V to ±5.5V
48
62
dB
Operating Supply Voltage
Range
VS
Guaranteed by PSRR (Note 2)
±2.25
±5.5
V
Disabled Output Resistance
ROUT(OFF)
DISABLE_ = 0, -5V
≤ VOUT ≤ 5V
27
35
k
DISABLE_ Logic-Low Threshold
VIL
VCC - 3
V
DISABLE_ Logic-High Threshold
VIH
VCC - 1.25
V
DISABLE_ Logic Input Low
Current
IIL
DISABLE_ = 0
25
µA
DISABLE_ Logic Input High
Current
IIH
DISABLE_ = VCC
10
µA
DISABLE_ = VCC
7.5
10
Quiescent Supply Current (Per
Amplifier)
IS
DISABLE_ = 0
0.45
0.8
mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
210
MHz
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
175
MHz
Small-Signal 0.1dB Gain
Flatness
BW0.1dBSS
VOUT = 100mVp-p
55
MHz
Large-Signal 0.1dB Gain
Flatness
BW0.1dBLS
VOUT = 2Vp-p
40
MHz
Slew Rate
SR
VOUT = 2V step
485
V/µs
Settling Time to 0.1%
tS
VOUT = 2V step
16
ns
Rise/Fall Time
tR , tF
VOUT = 100mVp-p
4
ns
Spurious-Free Dynamic Range
SFDR
fC = 5MHz, VOUT = 2Vp-p
-65
dBc
2nd harmonic
-65
3rd harmonic
-68
Harmonic Distortion
HD
fC = 5MHz,
VOUT = 2Vp-p
Total harmonic
-63
dBc
Two-Tone, Third-Order
Intermodulation Distortion
IP3
f1 = 4.7MHz, f2 = 4.8MHz,
VOUT = 1Vp-p
-66
dBc


Similar Part No. - MAX4382ESD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4383EVKIT MAXIM-MAX4383EVKIT Datasheet
141Kb / 5P
   Eliminates Costly Inductors with More Accurate R-C Components
Rev 0; 3/03
MAX4385E MAXIM-MAX4385E Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385EEUK-T MAXIM-MAX4385EEUK-T Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results

Similar Description - MAX4382ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com