Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4400 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4400
Description  Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4400 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4400 Datasheet HTML 3Page - Maxim Integrated Products MAX4400 Datasheet HTML 4Page - Maxim Integrated Products MAX4400 Datasheet HTML 5Page - Maxim Integrated Products MAX4400 Datasheet HTML 6Page - Maxim Integrated Products MAX4400 Datasheet HTML 7Page - Maxim Integrated Products MAX4400 Datasheet HTML 8Page - Maxim Integrated Products MAX4400 Datasheet HTML 9Page - Maxim Integrated Products MAX4400 Datasheet HTML 10Page - Maxim Integrated Products MAX4400 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
_______________________________________________________________________________________
7
FUNCTION
Noninverting Amplifier Input A
Noninverting Amplifier Input B
Noninverting Amplifier Input C
Noninverting Amplifier Input D
Inverting Amplifier Input B
Inverting Amplifier Input A
3
3
Inverting Amplifier Input
2
2
Negative Supply. Connect to ground for single-
supply operation
Amplifier Output B
Amplifier Output A
4
4
Amplifier Output
Inverting Amplifier Input D
Inverting Amplifier Input C
Pin Description
5
Active-Low Shutdown Input. Connect to VDD for
normal operation. Do not leave floating.
5
6
Positive Supply
Amplifier Output D
Amplifier Output C
3
5
6
2
4
7
1
8
PIN
3
5
10
12
6
2
11
7
1
13
9
4
14
8
NAME
INA+
INB+
INC+
IND+
INB-
INA-
IN-
VSS
OUTB
OUTA
OUT
IND-
INC-
SHDN
VDD
OUTD
OUTC
1
Noninverting Amplifier Input
1
IN+
MAX4401
MAX4400
MAX4402
MAX4403
Detailed Description
Rail-to-Rail Output Stage
The MAX4400–MAX4403 can drive a 2k
Ω load and still
typically swing within 55mV of the supply rails. Figure 1
shows the output voltage swing of the MAX4400 config-
ured with AV = +10V/V.
Driving Capacitive Loads
Driving a capacitive load can cause instability in many
op amps, especially those with low quiescent current.
The MAX4400–MAX4403 are unity-gain stable for a
range of capacitive loads to above 400pF. Figure 2
shows the response of the MAX4400 with an excessive
capacitive load. Adding a series resistor between the
output and the load capacitor (Figure 3) improves the
1V/div
100µs/div
Figure 1. Rail-to-Rail Output Operation


Similar Part No. - MAX4400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400 MAXIM-MAX4400 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
MAX44000PMB1 MAXIM-MAX44000PMB1 Datasheet
1Mb / 7P
   MAX44000PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX4400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com