Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U3CS-W-1300F-12-HA4EC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # D1U3CS-W-1300F-12-HA4EC
Description  81mm Front End AC-DC Power Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U3CS-W-1300F-12-HA4EC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  D1U3CS-W-1300F-12-HA4EC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U3CS-W-1300F-12-HA4EC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U3CS-W-1300F-12-HA4EC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U3CS-W-1300F-12-HA4EC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U3CS-W-1300F-12-HA4EC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D1U3CS-W-1300F-12-Hx4EC Series
81mm Front End AC-DC Power Converter
D1U3CS-W-1300F-12-Hx4EC.A01 Page 5 of 5
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2014 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
AC Input Connector/Inlet: IEC 60320-C14
Dimensions: 3.20" x 11.00" x 1.57" [81.3mm x 279.4mm x 39.9mm]
OPTIONAL ACCESSORIES
Description
Part Number
D1U3CS-12 Output Interface Connector Card
D1U3CS-12-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-41
D1U3CS-12-CONC Output Interface Connector Card
www.murata-ps.com/data/apnotes/acan-41.pdf
ACAN-49
D1U3CS-12 Communications Protocol
www.murata-ps.com/data/apnotes/acan-49.pdf
Direction of Airflow


Similar Part No. - D1U3CS-W-1300F-12-HA4EC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U3CS-W-1300F-12-HA4EC MURATA-PS-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
More results

Similar Description - D1U3CS-W-1300F-12-HA4EC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-D-1600-12-HC4EC MURATA-D1U3CS-D-1600-12-HC4EC Datasheet
266Kb / 5P
   81mm Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U3CS MURATA-PS-D1U3CS Datasheet
266Kb / 5P
   81mm Front End DC-DC Power Converter
D1U3CS-W-1200-12-HXXC MURATA-PS-D1U3CS-W-1200-12-HXXC Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com