Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4375FEUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4375FEUB
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4375FEUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4375FEUB Datasheet HTML 2Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 3Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 4Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 5Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 6Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 7Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 8Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 9Page - Maxim Integrated Products MAX4375FEUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VRS+ = +12V, VCC = +12V, RLOAD = 1M
Ω, VRESET = 0, VSENSE = 100mV, VPULL-UP = +5V, RPULL-UP = 10kΩ, TA = +25°C, unless
otherwise noted.)
20
µs/div
1V
3V
150mV
50mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +20V/V)
MAX4373 toc12
20
µs/div
2.5V
7.5V
150mV
50mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +50V/V)
MAX4373 toc13
20
µs/div
500mV
9.5V
95mV
5mV
LARGE-SIGNAL PULSE RESPONSE
(AV = +100V/V)
MAX4373 toc14
0
-10
-100
10
100
1k
10k
100k
COMMON-MODE REJECTION
vs. FREQUENCY
-50
-60
-70
-80
-90
FREQUENCY (Hz)
-40
-30
-20
0
-10
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION
vs. FREQUENCY
-50
-60
-70
-80
-90
FREQUENCY (Hz)
-40
-30
-20
-5
-2
-3
-4
-1
0
1
2
3
4
5
1k
100k
10k
1000k
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
AV = +50V/V
AV = +100V/V
AV = +20V/V
5
4
-5
1k
10k
100k
LARGE-SIGNAL GAIN
vs. FREQUENCY
-3
-4
FREQUENCY (Hz)
0
-1
-2
3
2
1
VIN = 100mVp-p (20, 50)
VIN = 50mVp-p (100)
AV = +50V/V
AV = +20V/V
AV = +100V/V


Similar Part No. - MAX4375FEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4375 MAXIM-MAX4375 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
More results

Similar Description - MAX4375FEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com