Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2U5T-H3-7000-54-HU4C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # D2U5T-H3-7000-54-HU4C
Description  AC-DC Three Phase Power Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D2U5T-H3-7000-54-HU4C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  D2U5T-H3-7000-54-HU4C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. D2U5T-H3-7000-54-HU4C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D2U5T-H3-7000-54-HU4C
AC-DC Three Phase Power Converter
D2U5T-H3-7000-54-HU4C.A02 Page 2 of 8
www.murata-ps.com/support
1 Ripple and noise are measured with 2.2μF (X7R 100V) ceramic + 180μF (UCC EKY) of electrolytic de-coupling capacitors at the output connector load side. A short coaxial cable
with 50Ω scope termination is used.
2 Ripple and noise are measured with 0.1μF of ceramic capacitance and 10 μF of tantalum capacitance across the power supply outputs at the output connector load side. A short
coaxial cable with 50Ω scope termination is used.
OUTPUT VOLTAGE CHARACTERISTICS
Output
Parameter
Conditions
Min
Typ
Max
Units
54V
Output Current
Range 1
0
64.8
Adc
Range 2
0
129.6
Voltage Set Point
@32.4A Range 1
54
Vdc
@64.8A Range 2
54
Voltage Droop
Min to Max Current, Range 1
1. 5V
Min to Max Current, Range 2
3.0V
Line Regulation
0.1
%
Ripple Voltage & Noise1
0.5
Vp-p
Load Capacitance
470
5000
μF
3.3VSB
Voltage Set Point
3.30
Vdc
Line and Load Regulation
3.14
3.46
Ripple Voltage & Noise2
20MHz Bandwidth
100
mVp-p
Output Current
06
A
Load Capacitance
20
1000
μF
5VSB
Voltage Set Point
5.00
Vdc
Line and Load Regulation
4.76
5.24
Ripple Voltage & Noise2
20MHz Bandwidth
100
mVp-p
Output Current
04
A
Load Capacitance
20
1000
μF
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Startup Time
AC ramp up
3s
Transient Response3
54V, 50-100% load step, 0.1A/μs di/dt
2.4
Vp-p
5VSB, 50-100% load step, 1A/μs di/dt
250
mVp-p
3.3VSB, 50-100% load step, 1A/μs di/dt
250
mVp-p
Current sharing accuracy (up to 3 in parallel)
54V @100% load
+/-10
%
Hot Swap Transients
All outputs within regulation
Holdup Time
54V @100% load
12
ms
VSB @100% Load
100
3 Minimum output capacitance to be 470μF (low ESR).
+
+
C1
2.2μF X7R 100V
RG587U
COAX
T1
R1
50Ω
C2
180μF 63V UCC EKY
54V Output
+
+
C3
100NF X7R 25V
RG587U
COAX
T2
R2
50Ω
C4
10μF 10V TANT
VSB
SCOPE
SCOPE


Similar Part No. - D2U5T-H3-7000-54-HU4C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T-H3-7000-54-HU4C MURATA-PS-D2U5T-H3-7000-54-HU4C Datasheet
987Kb / 8P
   AC-DC Three Phase Power Converter
2017
D2U5T-H3-7000-54-HU4C MURATA-PS-D2U5T-H3-7000-54-HU4C_V01 Datasheet
987Kb / 8P
   AC-DC Three Phase Power Converter
2017
More results

Similar Description - D2U5T-H3-7000-54-HU4C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T-H3-5000-380-HU3C MURATA-PS-D2U5T-H3-5000-380-HU3C Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
D2U5T MURATA-PS-D2U5T Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com