Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA1960A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MPA1960A
Description  Power Supply for LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPA1960A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MPA1960A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MPA1960A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Input Characteristics:(Ta=25℃)
Min
Typ
Max
Units
Input Voltage Operating Range
90
100/242
267
Vac
Input Frequency
47
50/60
63
Hz
Inrush Current
AC100V(25℃ Cold start)
15
A
AC242V(25℃ Cold start)
30
A
Model Name
Input current(Typ)
Power Factor (Typ)
Input Power(Typ)
Input rated capacity
At max current
At max current
At max current
Output Voltage:50V
Output Voltage:50V
Output Voltage:50V
Output Voltage:50V
AC90V
AC267V
AC100V
AC242V
AC100V
AC242V
MPA1960A
0.93A
0.34A
0.9964
0.915
82.9W
81.7W
MPA1960B
0.79A
0.30A
0.9958
0.913
70.7W
70.3W
Stand-by Power
Non-communication state
AC100V:0.13Wtyp, AC242V:0.23Wtyp
Output Characteristics(*1):(Ta=25℃)
Model Name
Min(*2)
Max
AC100V
AC242V
AC100V
AC242V
MPA1960A
14~70mA
1400
190mA
82.3%
80.7%
84.9%
86.2%
MPA1960B
12~60mA
1200
150mA
82.0%
80.1%
85.3%
85.8%
(*1)Output characteristics are measured by LE-5150-2(KEISOKUGIKEN) as a LED-load .
(*2)Depend on Dimming method. Max current value×(1~5%)
Environmental Characteristics:
Condition
Min
Typ
Max
Units
Operating Temp. Range
-10 (*)
50
Operating Humidity
Non-condensing
595
%
Storage Temp. Range
-20
55
Cooling condition
Natural air cooling
MTBF
EIAJ RCR 9102B
10
year
Model Name
Max current(±5%)
Output voltage range
MPA1960A
1400mA
30~50V
MPA1960B
1200mA
30~50V
PRODUCT SPECIFICATION
MPA1960
 series
Power Supply for LED
Ordering Guide
Constant current power supply
79VA
73VA
Typ(At max current)
Output current(±5%)
Average current(Typ)
Ripple current(p-p)
Output voltage:50V
Efficiency(Typ) At max current
Output voltage:30V
RoHS-Y(B)
RoHS-Y(B)
MTBF
EIAJ RCR-9102B
10
year
Estimated life
Ta=40℃, Max Voltage/Max load
40000
hour
Weight
670
g
Sinusoidal Vibration
Vibration frequency:10~55Hz、Vibration acceleration:2G
Shock
10G
RoHS
compliant
Warranty
1 Year
Manufacturing Country
China
(*)Start-up at -20℃
Safety:
Safety standards
Electrical Appliance Safety Low (1st clause)
EN61347-1, EN61347-2-13(CB REPORT):planning
Harmonics
EN61000-3-2 class C
Conducted emission
PSE(1st clause)、EN55015 CLASS B, EN55022 CLASS B
Insulation resistance
30MΩ or more (Input to Output-Reinforced、Input to Chassis-Basic)
Withstand voltage
AC4000V (60Hz Primary-Secondary)、Leak current:10mA or less
AC1600V (60Hz Primary-FG)、Leak current:10mA or less
Leakage current
0.5 rms or less (AC242V 60Hz normal temperature/normal humidity)
Protection Characteristics:
Output Open Protection
(*)It's need about 10 seconds at the autorecovery.
When LED is connected, be careful to be possible to flow rush current to LED.
   AC re-input as much as possible.
Immunity:
Electrostatic discharge
IEC61000-4-2
Level 3
Electrical fast transient burst
IEC61000-4-4
Level 3
Surge
IEC61000-4-5
Level 3
Output shortn Protection
Product specification
1/8
MPA1960 series
Return method
Auto recovery(*)
Auto recovery(*)


Similar Part No. - MPA1960A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
More results

Similar Description - MPA1960A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
MPA1962B-P MURATA-PS-MPA1962B-P Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967C MURATA-PS-MPA1967C Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com