Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA1967B Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # MPA1967B
Description  Power Supply for LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPA1967B Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  MPA1967B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MPA1967B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
【Instruction Manual】
Before using the Power Supply Unit
 Pay attention to all warnings and cautions before using the PSU.
Incorrect usage could lead to an electrical shock, damage to the PSU or a fire hazard.
★Warning & Caution
 ・Do not modify and remove the cover.
 ・If any failure or trouble occurs because of utilizing the power supply unit without reflecting the
described contents on this specification, Murata cannot assure such trouble.
 ・Do not touch the internal components, they may have high voltage or high temperature.
You may get electrical shock or burned.
・Definitely avoid to use the power supply unit by the excessive input voltage, output voltage,
output current and ambient temperature as defined on this specification.
The excessive current, voltage and temperature will cause the deterioration of the components
or abnormal heat, both of which may affect not only to shorten the unit's life-long but also to
damage and break the unit.
  In a case of LED VF 30V or less because of LED chip dispersion, please make sure to evaluate
and confirm the quality upon mounting the power supply unit to your product.
But don't use it under the LED VF 25V or less.
 ・Use the PSU after confirm the correct connection of input and output.
 ・Be sure not to scratch and damage the input leads. Never transfer the unit by holding
  and pulling any lead wire.
If PSU i d
d b l t l
t t
it
PRODUCT SPECIFICATION
MPA1967
 series
Power Supply for LED
 ・If PSU is dropped, absolutely not to use it any more.
 ・Make sure not to install and/or store the unit under the environment as stated below because
such will cause the insulation deterioration.
① Make sure to avoid storing the unit under the condition of high temperature, high
humidity or direct sunlight which are out of the standard on this specification.
② Ambient air containing the corrosive gas. (Cl2, H2S, NH3, SO2, NOX, etc.)
③ Places which have the fear to be splashed with water, oil, organic solvent, etc.
④ Places with a high concentration of dusty places.
⑤ Other environment correspondingly mentioned above.
 ・Make sure not to install and/or store the unit under the environment as stated below
because such will cause the insulation deterioration.
① If any alien substance attached on terminals, it may cause the contact failure or
insertion deterioration.
② The use of the silicon rubber or silicon bond which contain a high percentage of
dimethylpolysiloxane may cause to trigger the contact failure of volume,
potentiometer volume or switch. Make sure to use such rubber or bond with the
percentage of dimethylpolysiloxane 0.1% or less.
 ・PSU can not be used under the condition of the series operation.
 ・Rust may occur in the chassis because of use environment.
 ・This specification regulates the quality of the power unit, if nothing specially defined. When
using the power supply unit, make sure to evaluate and confirm the quality upon mounting
the power supply unit to your product.
Product specification
6/8
MPA1967 series


Similar Part No. - MPA1967B

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MPA1967B MURATA-PS-MPA1967B Datasheet
680Kb / 8P
   Power Supply for LED
More results

Similar Description - MPA1967B

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
logo
Murata Manufacturing Co...
MPA1960A MURATA-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
MPA1962B-P MURATA-PS-MPA1962B-P Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967C MURATA-PS-MPA1967C Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com