Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFMS1X8 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS1X8
Description  The OFMS series 1x8 optical fiber switch is based on Oplink?셲 patented opto-mechanical switches with unique prism design to improve the switch repeatability and stability.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS1X8 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS1X8 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 2Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
Parameters
Value
Unit
Operating Wavelength Range
1528~1610
nm
Insertion loss 1,2
< 2.0
dB
Polarization Dependent Loss
< 0.2
dB
Return Loss 2
> 50
dB
Channel Cross Talk
> 50
dB
Repeatability
± 0.05
dB
Switching Time
< 20
ms
Optical Power Handling
300
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 ~70
°C
Storage Temperature
-40 ~ 85
°C
Switch Power Supply Voltage (Vcc1)
+ 5
V
Switch Driving Current at 5V Power Supply
< 400
mA
Durability
> 10 7
Cycles
Switch Type
Latching
Control
3 bit, Latching
Electrical Connector Type
Molex 87758-1016
Dimensions (P2 package)
86.0 (L) x 80.0 (W) x 22.0 (H)
mm
Applications
Performance Specificationns
Notes:
1) Insertion loss is specified at 23°C over all wavelength range and all SOP.
2) Insertion loss and return loss: without connectors.
S0043 - R03 (web). 20101112
OFMS Series
1x8 Optical Fiber Switches
OFMS 1x8 Series
The OFMS series 1x8 optical fiber switch is based on Oplink’s patented
opto-mechanical switches with unique prism design to improve the switch
repeatability and stability.The switches are designed for use in optical chan-
nel monitoring, optical cross-connect systems, and network switching for
fault protection applications.
Oplink provides customized design to meet special control and applications.
Also, Oplink offers modular assemblies that integrate other components to
form a full function module or subsystem.
Wide Operating Wavelength Range
Fast Switch Speed
Highly Stable & Reliable
Low Insertion Loss
Low PDL
Compact
Network Monitoring and Switching
Network Protection and Restoration
Instrument, Testing and Measurement


Similar Part No. - OFMS1X8

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS1100300111 OPLINK-OFMS1100300111 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1100300112 OPLINK-OFMS1100300112 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1100300115 OPLINK-OFMS1100300115 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS110030011H OPLINK-OFMS110030011H Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1100300221 OPLINK-OFMS1100300221 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
More results

Similar Description - OFMS1X8

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
   Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
OFMS-MINI-1X8 OPLINK-OFMS-MINI-1X8 Datasheet
182Kb / 2P
   1x8 Optical Fiber Switches
OFMS1800E0021H1 OPLINK-OFMS1800E0021H1 Datasheet
402Kb / 2P
   1x8 Optical Fiber Switches
OFMS-1X8 OPLINK-OFMS-1X8 Datasheet
279Kb / 3P
   1x8 Optical Fiber Switches
OFMS18MIE00111 OPLINK-OFMS18MIE00111 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
logo
List of Unclassifed Man...
HD-75-4-5 ETC2-HD-75-4-5 Datasheet
150Kb / 1P
   HD Series The design of the HD Series knob is unmistakably unique
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
   In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com