Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVAB120-24-01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MVAB120-24-01
Description  120W 2" x 4" AC-DC Power Supply Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MVAB120-24-01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MVAB120-24-01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MVAB120-24-01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
MVAB120 Series
120W 2" x 4" AC-DC Power Supply Converter
MVAB120.A13 Page 1 of
7
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
FEATURES
ITE (2nd) and Medical 3rd ed. 1MOPP (primary-
secondary) safety approved
120W compact high density
2" x 4" standard footprint
High efficiency up to 91%
Universal AC input with active PFC
Low profile - 1U package
Convection-cooled operation up to 75W
RoHS compliant
UL Class I and II approved (for IT equipment)
DESCRIPTION
The MVAB120 series switching power supplies
utilize advanced component and circuit
technologies to deliver high efficiency. Designed
for Medical, Telecom, and Industrial applications
to satisfy 1U height design considerations, the
MVAB120 Series measures only 2.0" x 4.0"
x 1.35". All models offer universal AC input
with active power factor correction (PFC) and
compliance to worldwide safety and EMC
standards.
ORDERING GUIDE
Model Number
Medical Approval1
Natural Convection Cooling
Forced Air Cooling
Main Output
(V1)
MVAB120-12
No
75W
120W @ 250LFM
12V
MVAB120-12-01
Yes
MVAB120-24
No
24V
MVAB120-24-01
Yes
MVAB120-28
No
28V
MVAB120-28-01
Yes
MVAB120-48
No
48V
MVAB120-48-01
Yes
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Operating Range
Single phase
90
120/230
264
Vac
DC1
120
300
Vdc
Input Frequency
47
50/60
63
Hz
Turn-on Input Voltage
Input rising at 75W
76
85
Vac
Turn-off Input Voltage
Input falling at 75W
50
Input Current
90Vac input, full load
1.9
A
Inrush Current
At 264Vac, at 25°C cold
start
75
Apk
OUTPUT CHARACTERISTICS
Model Number
Main Output
Voltage (V1)
Load Current
Load Capacitance
Line, Load, Cross
Regulation
Typical Efficiency
@230Vac full load
MVAB120-12
12V
0 to 10.0A
0 to 3300μF
± 2%
88%
MVAB120-12-01
MVAB120-24
24V
0 to 5.0A
0 to 1000μF
± 2%
90%
MVAB120-24-01
MVAB120-28
28V
0 to 4.29A
0 to 1000μF
± 2%
90%
MVAB120-28-01
MVAB120-48
48V
0 to 2.5A
0 to 1000μF
± 2%
91%
MVAB120-48-01
MAIN OUTPUT CHARACTERISTICS (ALL MODELS)
Parameter
Conditions
Min.
Max.
Units
Transient Response
50% load step, 1A/μsec slew rate
± 5
%
Settling Time to 1% of Nominal
MVAB120-12
750
μsec
MVAB120-24, MVAB120-28, MVAB120-48
500
μsec
Turn On Delay
After application of input power
1
sec
Output Voltage Rise
Monotonic, 0 to 75W
50
msec
Setpoint Accuracy
120Vac, 75W, 25°C
± 0.5
%
Output Holdup
Full load
14
msec
Temperature Coefficient
0.02
%/°C
Ripple Voltage & Noise2
1%
1 Medical versions not designed for DC input voltage.
2 Ripple and noise are measured with 0.1 μF of ceramic capacitance and 47 μF of electrolytic capacitance on each
of the power supply outputs. The output noise requirements apply over a 0 Hz to 20 MHz bandwidth. A short
coaxial cable with 50Ω scope termination is used.
3 Unless otherwise specified, all readings are taken at 120Vac input and 25°C ambient temperature.
CB
Test Certificate
and Test Report
Available now at
www.murata-ps.com/en/3d/acdc.html


Similar Part No. - MVAB120-24-01

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com