Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVAB120-28-01 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # MVAB120-28-01
Description  120W 2" x 4" AC-DC Power Supply Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MVAB120-28-01 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  MVAB120-28-01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MVAB120-28-01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MVAB120 Series
120W 2" x 4" AC-DC Power Supply Converter
MVAB120.A13 Page 7 of
7
www.murata-ps.com/support
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating require-
ments and the Life and Safety Critical Application Sales
Policy. Refer to: http://www.murata-ps.com/requirements/
Murata Power Solutions, Inc. (“Murata”) makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the
granting of licenses to make, use, or sell equipment constructed in accordance therewith. Buyer represents and agrees that it has all the necessary expertise to create and implement safeguards that anticipate dangerous consequences of failures, monitor failures and their consequences, lessen
the likelihood of failures that might cause harm, and take appropriate remedial actions. Buyer will fully indemnify Murata, its affiliated companies, and its representatives against any damages arising out of the use of any Murata products in safety-critical applications. Specifications are subject
to change without notice.
© 2014 Murata Power Solutions, Inc.
MECHANICAL DIMENSIONS – MVAB120-24-01, MVAB120-28-01, and MVAB120-48-01 (MEDICAL VERSION)
Dimensions: 2.0” x 4.0” x 1.41” (50.8mm x 101.6mm x 35.8mm)
INPUT/OUTPUT CONNECTOR AND SIGNAL SPECIFICATION AND MATING CONNECTORS
PIN
Description
Mating Housing
Crimp terminal/pins
Input Connector CN1 : Molex 26-62-4030
Molex 09-50-8031 with locking ramp
Molex 6838 Series
1
AC Neutral
3
AC Line
Spade Connector: #250
GND
Earth Ground
Output Connector CN2 : Molex 26-60-4060
Molex 09-50-8061 with locking ramp
Molex 6838 Series
1, 2, 3
DC Return
4, 5, 6
V1


Similar Part No. - MVAB120-28-01

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com