Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKDH-T40-W12-001-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # OKDH-T40-W12-001-C
Description  40A Digital PoL DC-DC Converter Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKDH-T40-W12-001-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  OKDH-T40-W12-001-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKDH-T40-W12-001-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Characteristics
Conditions
Min
Typ
Max
Unit
Over Temperature Protection,
OTP at P1
See Note 8
OTP threshold
120
°C
OTP threshold range
PMBus configurable
-40…+120
°C
OTP hysteresis
15
°C
OTP hysteresis range
PMBus configurable
0-160
°C
Fault response
See Note 3
Automatic restart, 240 ms
V
IL
Logic input low threshold
SYNC, SA0, SA1, SCL, SDA, GCB, CTRL,
VSET
0.8
V
V
IH
Logic input high threshold
2
V
I
IL
Logic input low sink current
CTRL
0.6
mA
V
OL
Logic output low signal level
SYNC, SCL, SDA, SALERT, GCB, PG
0.4
V
V
OH
Logic output high signal level
2.25
V
I
OL
Logic output low sink current
4mA
I
OH
Logic output high source current
2mA
t
set
Setup time, SMBus
See Note 1
300
ns
t
hold
Hold time, SMBus
See Note 1
250
ns
t
free
Bus free time, SMBus
See Note 1
2
ms
C
p
Internal capacitance on logic pins
10
pF
Initialization time
See Note 10
35
ms
Output Voltage
Delay Time
See Note 6
Delay duration
See Note 16
10
ms
Delay duration range
PMBus configurable
2-500000
Delay accuracy
turn-on
Default configuration:
CTRL controlled
Precise timing enabled
±0.25
ms
PMBus controlled
Precise timing disabled
Current sharing operation
-0.25/+4
ms
Delay accuracy
turn-off
-0.25/+4
ms
Output Voltage
Ramp Time
See Note 13
Ramp duration
10
ms
Ramp duration range
PMBus configurable
0-200
Ramp time accuracy
100
μs
Current sharing operation
20
%
VTRK Input Bias Current
V
VTRK = 5.5 V
110
200
μA
VTRK Tracking Ramp Accuracy (V
O - VVTRK)
100% tracking, see Note 7
-100
100
mV
Current sharing operation
2 phases, 100% tracking
V
O = 1.0 V, 10 ms ramp
±100
mV
VTRK Regulation Accuracy (V
O - VVTRK)
100% Tracking
-1
1
%
Current sharing operation
100% Tracking
-2
2
%
Current difference between products in a current sharing group
Steady state operation
Max 2 x READ_IOUT monitoring accuracy
Ramp-up
4
A
Number of products in a current sharing group
7
Monitoring accuracy
READ_VIN vs V
I
3%
READ_VOUT vs V
O
1%
READ_IOUT vs I
O
I
O = 0-40 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 1.0 V
±2.5
A
READ_IOUT vs I
O
I
O = 0-40 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 0.6-3.3 V
±4
A
Note 1: See section I2C/SMBus Setup and Hold Times – Definitions.
Note 2: Monitorable over PMBus Interface.
Note 3: Automatic restart ~70 or 240 ms after fault if the fault is no longer present. Continuous restart attempts if the
fault reappear after restart. See Operating Information and AN302 for other fault response options.
Note 4: T
sw is the switching period.
Note 5: Within +/-3% of V
O
Note 6: See section Soft-start Power Up.
Note 7: Tracking functionality is designed to follow a VTRK signal with slew rate < 2.4 V/ms. For faster VTRK signals
accuracy will depend on the regulator bandwidth.
Note 8: See section Over Temperature Protection (OTP).
Note 9: See section External Capacitors.
Note 10: See section Initialization Procedure.
Note 11: See graph Output Ripple vs External Capacitance and Operating information section Output Ripple and Noise.
Note 12: See graph Load Transient vs. External Capacitance and Operating information section External Capacitors.
Note 13: Time for reaching 100% of nominal Vout.
Note 14: For Vout < 1.0 V accuracy is +/-10 mV. For further deviations see section Output Voltage Adjust using PMBus.
Note 15: Accuracy here means deviation from ideal output voltage level given by configured droop and actual load.
Includes line, load and temperature variations.
Note 16: For current sharing the Output Voltage Delay Time must be reconfigured to minimum 15 ms.
Note 17: For steady state operation above 1.05 x 3.3 V, please contact your local Murata sales representative.
Note 18: A minimum load current is not required if Low Power mode is used (monitoring disabled).
OKDx-T/40-W12-xxx-C
40A Digital PoL DC-DC Converter Series
MDC_OKDx-T/40-W12-xxx-C.A04 Page 5 of 38
www.murata-ps.com/support


Similar Part No. - OKDH-T40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/40-W12-001-C MURATA-PS-OKDH-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-001-C MURATA-PS-OKDH-T/50-W12-001-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDH-T/50-W12-002-C MURATA-PS-OKDH-T/50-W12-002-C Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDH-T40-W12-001-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com