Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX438 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX438
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX438 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX438 Datasheet HTML 7Page - Maxim Integrated Products MAX438 Datasheet HTML 8Page - Maxim Integrated Products MAX438 Datasheet HTML 9Page - Maxim Integrated Products MAX438 Datasheet HTML 10Page - Maxim Integrated Products MAX438 Datasheet HTML 11Page - Maxim Integrated Products MAX438 Datasheet HTML 12Page - Maxim Integrated Products MAX438 Datasheet HTML 13Page - Maxim Integrated Products MAX438 Datasheet HTML 14Page - Maxim Integrated Products MAX438 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
______________________________________________________________________________________
11
have a 16ns settling time to 0.1%, 485V/µs slew rates,
and output-current-drive capability of up to 75mA
making them ideal for driving video loads.
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values to fit your application. Large resistor val-
ues increase voltage noise and interact with the ampli-
fier’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
resistors, combined with 1pF of amplifier input capaci-
tance and 1pF of PC board capacitance, causes a
pole at 159MHz. Since this pole is within the amplifier
bandwidth, it jeopardizes stability. Reducing the 1k
resistors to 100
Ω extends the pole frequency to
1.59GHz, but could limit output swing by adding 200
in parallel with the amplifier’s load resistor
(Figures 1a and 1b).
Layout and Power-Supply Bypassing
These amplifiers operate from a single +4.5V to +11V
power supply or from dual ±2.25V to ±5.5V supplies. For
single-supply operation, bypass VCC to ground with a
0.1µF capacitor as close to the pin as possible. If operat-
ing with dual supplies, bypass each supply with a 0.1µF
capacitor.
Maxim recommends using microstrip and stripline
techniques to obtain full bandwidth. To ensure that the
PC board does not degrade the amplifier’s perfor-
mance, design it for a frequency greater than 1GHz.
Pay careful attention to inputs and outputs to avoid
large parasitic capacitance. Whether or not you use a
constant-impedance board, observe the following
design guidelines:
• Don’t use wire-wrap boards; they are too inductive.
• Don’t use IC sockets; they increase parasitic capaci-
tance and inductance.
• Use surface-mount instead of through-hole compo-
nents for better high-frequency performance.
• Use a PC board with at least two layers; it should be
as free from voids as possible.
• Keep signal lines as short and as straight as possi-
ble. Do not make 90° turns; round all corners.
Rail-to-Rail Outputs,
Ground-Sensing Inputs
For +5V single-supply operation, the input common-
mode range extends from (VEE - 200mV) to (VCC
- 2.25V) with excellent common-mode rejection.
Beyond this range, the amplifier output is a nonlinear
function of the input, but does not undergo phase
reversal or latchup.
For ±5V dual-supply operation, the common-mode
range is from VEE to (VCC - 2.25V)
For +5V single-supply operation the output swings to
within 50mV of either power-supply rail with a 2k
load. The input ground sensing and the rail-to-rail out-
put substantially increase the dynamic range. With a
symmetric input in a single +5V application, the input
can swing 2.95Vp-p and the output can swing 4.9Vp-p
with minimal distortion.
Low-Power Disable Mode
The disable feature (DISABLE_) allows the amplifier to
be placed in a low-power, high-output-impedance
state. When the disable pin (DISABLE_) is active, the
amplifier’s output impedance is 35k
Ω. This high resis-
tance and the low 2pF output capacitance make the
MAX4380–MAX4382 and the MAX4384 ideal in
RF/video multiplexer or switch applications. For larger
arrays, pay careful attention to capacitive loading.
Refer to the Output Capacitive Loading and Stability
section.
IN
RG
VOUT = -(RF / RG) VIN
RF
VOUT
MAX438 _
Figure 1b. Inverting Gain Configuration
IN
RG
VOUT = [1+ (RF / RG)] VIN
RF
VOUT
MAX438 _
Figure 1a. Noninverting Gain Configuration


Similar Part No. - MAX438

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4383EVKIT MAXIM-MAX4383EVKIT Datasheet
141Kb / 5P
   Eliminates Costly Inductors with More Accurate R-C Components
Rev 0; 3/03
MAX4385E MAXIM-MAX4385E Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385EEUK-T MAXIM-MAX4385EEUK-T Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results

Similar Description - MAX438

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com