Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4449ESE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4449ESE
Description  6500V/關s, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4449ESE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4449ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 11Page - Maxim Integrated Products MAX4449ESE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
8
_______________________________________________________________________________________
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
5678
MAX4449
HARMONIC DISTORTION vs. OUTPUT
VOLTAGE SWING (fC = 5MHz)
OUTPUT VOLTAGE SWING (V)
2ND
3RD
1000
10
1
1k
10k
100k
10
100
1M
VOLTAGE NOISE DENSITY
vs. FREQUENCY
100
FREQUENCY (Hz)
100
1
1
1k
10k
100k
10
100
1M
CURRENT NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (Hz)
10
14
12
18
16
20
22
060
80
20
40
100
120
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
100
0.1
100k
10M
100M
1G
OUTPUT IMPEDANCE
vs. FREQUENCY
1
10
FREQUENCY (Hz)
1M
0
2
4
6
8
10
12
14
16
0
40
80
120
160
200
DIFFERENTIAL OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
RL (
Ω)
100
1000
-90
-70
-80
-60
-50
-40
-20
-30
-10
0
0.1
1
10
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
EN
VEN =
0.8V TO 2V
OUTPUT
VOLTAGE
1V/div
SHUTDOWN RESPONSE TIME
(50ns/div)
-3
-2
-1
0
1
2
3
4
-40
-15
10
35
60
85
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = +5V, VOUT = VOUT+ - VOUT-, RL = 100
Ω between OUT+ and OUT-, AV = +2V/V for MAX4447/MAX4448,
AV = +5V/V for MAX4449, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4449ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4444 MAXIM-MAX4444 Datasheet
87Kb / 8P
   Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
MAX4444 MAXIM-MAX4444 Datasheet
97Kb / 4P
   Fully Assembled and Tested Surface-Mount Board
Rev 0; 10/99
MAX4444ESE MAXIM-MAX4444ESE Datasheet
87Kb / 8P
   Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
MAX4444EVKIT MAXIM-MAX4444EVKIT Datasheet
97Kb / 4P
   Fully Assembled and Tested Surface-Mount Board
Rev 0; 10/99
MAX4445 MAXIM-MAX4445 Datasheet
97Kb / 4P
   Fully Assembled and Tested Surface-Mount Board
Rev 0; 10/99
More results

Similar Description - MAX4449ESE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
MC3453 TI-MC3453 Datasheet
105Kb / 6P
[Old version datasheet]   QUAD LINE DRIVERS WITH COMMON ENABLE
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Semtech Corporation
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
   Highly linear wideband LNA Single-channel, single-ended to differential conversion
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com