Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4378HASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4378HASD
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4378HASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4378HASD Datasheet HTML 1Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 2Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 3Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 4Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 5Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 6Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 7Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 8Page - Maxim Integrated Products MAX4378HASD Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
________________________________________________________________ Maxim Integrated Products
1
GND
OUT
RS+
VCC
15
RS-
MAX4376
2
34
TOP VIEW
SOT23
19-1781; Rev 3; 5/04
General Description
The MAX4376/MAX4377/MAX4378 single, dual, and
quad precision high-side current-sense amplifiers are
available in space-saving packages. They feature
buffered voltage outputs that eliminate the need for
gain-setting resistors and are ideal for today’s notebook
computers, cell phones, and other systems where cur-
rent monitoring is critical. These precision devices are
offered in three fixed-gain versions of 20, 50, and 100:
GAIN
SUFFIX
20
T
50
F
100
H
For example, MAX4376TAUK is a single high-side
amplifier with a gain of 20.
High-side current monitoring is especially useful in bat-
tery-powered systems since it does not interfere with
the ground path of the battery charger. The input com-
mon-mode range of 0 to +28V is independent of the
supply voltage and ensures that the current-sense
feedback remains viable even when connected to a
battery pack in deep discharge.
The full-scale current reading can be set by choosing
the appropriate voltage gain and external-sense resis-
tor. This capability offers a high level of integration and
flexibility, resulting in a simple and compact current-
sense solution.
The MAX4376/MAX4377/MAX4378 operate over a sup-
ply voltage range of +3V to +28V, draw 1mA of supply
current per amplifier, and operate over the full automo-
tive temperature range of -40
°C to +125°C. These
devices have a wide bandwidth of 2MHz, making them
suitable for use inside battery-charger control loops.
The buffered outputs drive up to 2mA of output current
into a ground-referenced load.
The MAX4376 is available in a tiny 5-pin SOT23 pack-
age. The MAX4377/MAX4378 are available in space-
saving 8-pin µMAX and 14-pin TSSOP packages,
respectively.
Applications
Features
o Low-Cost, Single/Dual/Quad, High-Side Current-
Sense Amplifiers
o ±0.5% Typical Full-Scale Accuracy
o +3V to +28V Supply Operation
o Adjustable Current-Sense Capability with External
Sense Resistor
o Buffered Output Voltage with 2mA Drive
o 1mA (typ) Supply Current
o 2.0MHz Bandwidth (Gain = +20V/V)
o Automotive Temperature Range (-40°C to +125°C)
o Full 0 to 28V Common-Mode Range, Independent
of Supply Voltage
o Three Gain Versions Available
+20V/V (MAX437_T)
+50V/V (MAX437_F)
+100V/V (MAX437_H)
o Available in Space-Saving 5-Pin SOT23 (Single),
8-Pin µMAX (Dual), and 14-Pin TSSOP (Quad)
Ordering Information continued at end of data sheet.
Pin Configurations continued at end of data sheet.
Ordering Information
Notebook Computers
Current-Limited Power
Supplies
Fuel Gauges in PC
General-System/Board-
Level Current Monitoring
Battery Chargers
Portable/Battery-Powered
Systems
Cell Phones
Smart Battery Packages
Automotive Current Detect
Power Management
Systems
PA Bias Control
Pin Configurations
PART
GAIN
(+V/V)
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4376TAUK-T
20
-40
°C to +125°C
5 SOT23-5
ADOG
MAX4376FAUK-T
50
-40
°C to +125°C
5 SOT23-5
ADOH
MAX4376HAUK-T
100
-40
°C to +125°C
5 SOT23-5
ADOI
MAX4376TASA
20
-40
°C to +125°C8 SO
MAX4376FASA
50
-40
°C to +125°C8 SO
MAX4376HASA
100
-40
°C to +125°C8 SO
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4378HASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4378HASD++ MAXIM-MAX4378HASD+ Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results

Similar Description - MAX4378HASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com