Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2B Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # US2B
Description  Surface Mount Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

US2B Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  US2B Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd US2B Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SMB/DO-214AA
US2A THRU US2M
Voltage Range 50 to 1000 V
Current 2.0 Ampere
Surface Mount Ultra Fast Recovery Rectifier
US2A
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
US2B
US2D
US2G
US2J
50
100
200
140
200
600
35
70
420
50
100
600
US2K
800
560
800
US2M
1000
700
1000
2.0
5.0
60
1.3
1.0
1.7
50
75
100
50
55
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TA=90
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 2.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Maximum Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic SMB/DO-214AA
Glass passivated chip
High surge current capability
Weight: 0.093 gram
Polarity:Color band denotes cathode
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Mechanical Data
Low reverse leakge current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Thermal Resistance junction to ambient.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R1, MAY-12
.160(4.06)
.185(4.70)
.006(.152)
.012(.305)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.200(5.08)
.220(5.59)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)
PARAMTER


Similar Part No. - US2B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2B SSE-US2B Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US2B DGNJDZ-US2B Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Zibo Seno Electronic En...
US2B ZSELEC-US2B Datasheet
115Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
logo
Frontier Electronics.
US2B FRONTIER-US2B Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2B YFWDIODE-US2B Datasheet
484Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
More results

Similar Description - US2B

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
US1AB YENYO-US1AB Datasheet
697Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
US1A YENYO-US1A Datasheet
523Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
MFPH05S TAITRON-MFPH05S Datasheet
142Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
FRG05W PANJIT-FRG05W Datasheet
419Kb / 5P
   Surface Mount Ultra Fast Recovery Rectifier
July 17,2020 FRG05W-REV.00
logo
YENYO TECHNOLOGY Co., L...
US3A YENYO-US3A Datasheet
667Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
US1AAFC PANJIT-US1AAFC Datasheet
457Kb / 5P
   Surface Mount Ultra Fast Recovery Rectifier
July 4,2020 US1AAFC_SERIES-REV.00
logo
TAITRON Components Inco...
US1A TAITRON-US1A Datasheet
134Kb / 4P
   1.0A Surface Mount Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
UK8A-LFR FRONTIER-UK8A-LFR Datasheet
128Kb / 2P
   8A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com