Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1JF Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # US1JF
Description  1.0A Ultra Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

US1JF Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  US1JF Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd US1JF Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd US1JF Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
 
2/3
R1,MAY-15
US1AF THRU US1MF
1.0A Ultra Fast Recovery Rectifier 
YENYO
Fig. 1 Forward Current Derating Curve
Fig. 2 Typical Reverse Characteristics
Fig. 3 Typical Reverse Characteristics
Fig. 4 Typical Reverse Characteristics
Fig. 6 Forward Current Derating Curve
Fig. 5 Typical Forward Characteristics
 
5. 特性曲線  Rating & Characteristic Curves 
 
 
 
 
 
       
 
 
 
 
 
 
                     
  
 
 
 
 
 
 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
US1AF­US1DF 
US1GF 
US1JF­US1MF 
US1AF­US1DF 
US1GF 


Similar Part No. - US1JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1JF PANJIT-US1JF Datasheet
285Kb / 5P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Xian Semipower Electron...
US1JF SEMIPOWER-US1JF Datasheet
142Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
AiT Semiconductor Inc.
US1JF AITSEMI-US1JF Datasheet
551Kb / 5P
   ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
logo
Guangdong Kexin Industr...
US1JF KEXIN-US1JF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Gaomi Xinghe Electronic...
US1JF GXELECTRONICS-US1JF Datasheet
439Kb / 2P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - US1JF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF101 TAITRON-TUF101 Datasheet
136Kb / 4P
   1.0A Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
US1A TAITRON-US1A Datasheet
134Kb / 4P
   1.0A Surface Mount Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com