Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA15IG88 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GMA15IG88
Description  1.5inch 8x8 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMA15IG88 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GMA15IG88 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA15IG88 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GMZ15XX88_series
1.5” 8x8 Dot Matrix
Product: GMZ15XX88_series
Date: 07/13/2011
Page 1 of 8
Version# 1.2
Feature:
 Large emitting dot with 0.15” diameter
 Low power consumption
 Packed in tube
 AlInGaP technology for Red/Yellow/Yellow
Green
 InGaN technology for Green/ Blue
Description:
These 1.5” 8x8 dot matrix displays are made with
white got and grey surface.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - GMA15IG88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMA15IG88 ETC2-GMA15IG88 Datasheet
319Kb / 8P
   1.5??8x8 Dot Matrix
More results

Similar Description - GMA15IG88

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88191VM9 CHINASEMI-CSM-88191VM9 Datasheet
273Kb / 8P
   1.5Inch Dot-Matrix Display
logo
List of Unclassifed Man...
GMC24IB88 ETC2-GMC24IB88 Datasheet
333Kb / 8P
   2.4??8x8 Dot Matrix
GMC15IB88 ETC2-GMC15IB88 Datasheet
319Kb / 8P
   1.5??8x8 Dot Matrix
GMC24IB88 ETC1-GMC24IB88 Datasheet
333Kb / 8P
   2.4inch 8x8 Dot Matrix
logo
LIGITEK electronics co....
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
logo
China Semiconductor Cor...
CSM-88261EG CHINASEMI-CSM-88261EG Datasheet
270Kb / 7P
   2.3Inch 8X8 Dot-Matrix Display
logo
QT Optoelectronics
GMA2888C QT-GMA2888C Datasheet
595Kb / 7P
   2.3 8X8 DOT MATRIX DISPLAYS
logo
Marktech Corporate
MTAN2115-11A MARKTECH-MTAN2115-11A Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
MTAN7185M2-11BW MARKTECH-MTAN7185M2-11BW Datasheet
86Kb / 1P
   Marktech 0.85 8x8 Dot Matrix
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com