Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4484 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4484
Description  Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4484 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4484 Datasheet HTML 1Page - Maxim Integrated Products MAX4484 Datasheet HTML 2Page - Maxim Integrated Products MAX4484 Datasheet HTML 3Page - Maxim Integrated Products MAX4484 Datasheet HTML 4Page - Maxim Integrated Products MAX4484 Datasheet HTML 5Page - Maxim Integrated Products MAX4484 Datasheet HTML 6Page - Maxim Integrated Products MAX4484 Datasheet HTML 7Page - Maxim Integrated Products MAX4484 Datasheet HTML 8Page - Maxim Integrated Products MAX4484 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply
7MHz, Rail-to-Rail Op Amps
_______________________________________________________________________________________
5
NONINVERTING LARGE-SIGNAL
TRANSIENT RESPONSE
MAX4484 toc10
400ns/div
IN
OUT
2V/div
10
15
25
20
30
35
040
20
60
80
100
120
PERCENT OVERSHOOT
vs. CAPACITIVE LOAD
CLOAD (pF)
POSITIVE
NEGATIVE
40
60
50
80
70
100
90
110
0
100
150
50
200
250
300
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE LOW
|VOUT - VSS| (mV)
RL = 100k
RL = 2k
40
60
50
80
70
100
90
110
0
100
150
50
200
250
300
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE HIGH
|VDD - VOUT| (mV)
RL = 100k
RL = 2k
-60
-40
-50
-20
-30
-10
0
100
1k
10k
100k
1M
10M
100M
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-90
-70
-80
60
70
65
80
75
85
90
1.0
1.5
2.0
2.5
3.0
POWER-SUPPLY REJECTION RATIO
vs. OPERATING VOLTAGE
SUPPLY VOLTAGE (V)
45
55
50
40
TA = +125
°C
TA = -40
°C
TA = +25
°C
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = VDD/2, RL =
∞ to VDD/2, unless otherwise noted.)
0.001
0.01
0.1
1
0.01
1
0.1
10
100
1000
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
RL = 100k
AVCL = +1
0.04
0.06
0.08
0.10
0.12
0.14
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. AMPLITUDE
VIN (Vp-p)
0.02
0
f = 10kHz
AVCL = +1
RL = 2k
0.04
0.06
0.08
0.10
0.12
0.14
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. AMPLITUDE
VIN (Vp-p)
0.02
0
f = 10kHz
AVCL = +1
RL = 100k


Similar Part No. - MAX4484

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4484AUK-T MAXIM-MAX4484AUK-T Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4484AXK-T MAXIM-MAX4484AXK-T Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results

Similar Description - MAX4484

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com