Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP684UE-IBU Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QBHP684UE-IBU
Description  1W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP684UE-IBU Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBHP684UE-IBU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 10Page - List of Unclassifed Manufacturers QBHP684UE-IBU Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 24, 2015
Page 11 of 11
Version# 2.0
Revision History
Description:
Revision #
Revision Date
New Release of QBHP684U-XXU series
V1.0
01/18/2013
Add binning information / Update spec
V1.1
02/15/2013
Update binning and spec
V1.2
05/31/2013
Update absolute maximum rating
V1.3
08/26/2013
Update Luminous flux (red and green) and soldering pad
V1.4
10/17/2013
Add deep red option (655nm ~ 665nm), QBHP684U-SU
V1.5
10/31/2013
Update deep red spec
V1.6
12/03/2013
Update luminous flux bin
V1.7
04/30/2014
Update package drawing to ceramic package
V2.0
04/24/2015
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. QT-BRIGHTEK does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under
its patent rights, nor the rights of others.
Life Support Policy
QT-
BRIGHTEK’s products are not authorized for use as critical components in life support devices or
systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to perform
can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.


Similar Part No. - QBHP684UE-IBU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IBU ETC-QBHP684UE-IBU Datasheet
865Kb / 11P
   1W High Power LED
More results

Similar Description - QBHP684UE-IBU

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com